Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D600HD Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about D600HD Datasheet

  • # Example questions: ➢ What type of output circuit is available with a flyback diode?
    ➢ What are the available options for sink/source current?
    ➢ What is the operating temperature range for the standard version of this sensor?

  • Part No.D600HD
    ManufacturerAEC
    Size223 Kbytes
    Pages1 page
    DescriptionOptical Liquid Level Sensors
    Datasheet Summary with AI

    # D600HD Series Optical Liquid Level Sensors

    ## Features

    · 1/2” SAE Threaded Body, Heavy Duty Style
    · Wide range of Commercial, Industrial & Automotive applications.
    · Unassembled O-ring supplied

    ## Specifications

    ### Output Polarity

    · L: Output Low in Air
    · H: Output High in Air

    ### Supply Voltage

    · 12: 5 to 16VDC
    · 24: 10 to 28VDC

    ### Temperature Range

    · 0: -25°C to +80°C
    · 1: -40°C to +125°C

    ### Dimensions

    · Drawing dimensions in millimetres

    ### Housing Style

    · HD600
    · 1/2” SAE-20 Thread

    ### Output Function

    · Digital (High or Low in Air) outputs

    ### Performance

    · Repeatability: ± 1mm
    · Hysteresis: 1mm (depending on liquid)
    · Response Time (rising liquid): 50µS
    · Response Time (falling liquid - ethanol): < 1 second

    ### Electrical

    · Supply Voltage (Vs): 5 to 16Vdc or 10 to 28Vdc
    · Supply Current: 15mA nominal
    · Sink/Source Current: 250mA or 500mA max
    · Sink/Source Current options:
    - 0: 250mA max
    - 5: 500mA max
    · Output Circuit options:
    - 1: N-Channel Open Drain with flyback diode (for inductive loads)
    - 2: Digital Output (Sink Current only)
    - 3: N-Channel Open Drain
    - 4: P-Channel Open Drain
    - 5: N & P Channel Push-Pull Output

    ### Environmental

    · Operating Temperature Range: -25°C to +80°C or –40°C to +125°C
    · Housing Material: Polysulphone UDEL 1700
    · Cable Length: 200mm PTFE wires
    · IP67 Rated
    · Thermal Testing: As per BS EN60068-2-33
    · Humidity: As per BS EN60068-2-30
    · Vibration: As per BS EN60068 Part S3: 1996
    · Mechanical Shock: As per BS EN60068-2-27 Part 2 Ea: 1987
    · Max. Pressure: 7 bar

    ## Contact Information

    · American Electronic Components Inc.
    · 1101 Lafayette Street, Elkhart, Indiana, USA
    · Tel: +1-574-295-6330
    · Fax: +1-574-293-8013
    · Email: sales@aecsensors.com
    · Website: http://www.aecsensors.com

    # D600HD Series Optical Liquid Level Sensors

    ## Features

    · 1/2” SAE Threaded Body, Heavy Duty Style
    · Wide range of Commercial, Industrial & Automotive applications.
    · Unassembled O-ring supplied

    ## Specifications

    ### Output Polarity

    · L: Output Low in Air
    · H: Output High in Air

    ### Supply Voltage

    · 12: 5 to 16VDC
    · 24: 10 to 28VDC

    ### Temperature Range

    · 0: -25°C to +80°C
    · 1: -40°C to +125°C

    ### Dimensions

    · Drawing dimensions in millimetres

    ### Housing Style

    · HD600
    · 1/2” SAE-20 Thread

    ### Output Function

    · Digital (High or Low in Air) outputs

    ### Performance

    · Repeatability: ± 1mm
    · Hysteresis: 1mm (depending on liquid)
    · Response Time (rising liquid): 50µS
    · Response Time (falling liquid - ethanol): < 1 second

    ### Electrical

    · Supply Voltage (Vs): 5 to 16Vdc or 10 to 28Vdc
    · Supply Current: 15mA nominal
    · Sink/Source Current: 250mA or 500mA max
    · Sink/Source Current options:
    - 0: 250mA max
    - 5: 500mA max
    · Output Circuit options:
    - 1: N-Channel Open Drain with flyback diode (for inductive loads)
    - 2: Digital Output (Sink Current only)
    - 3: N-Channel Open Drain
    - 4: P-Channel Open Drain
    - 5: N & P Channel Push-Pull Output

    ### Environmental

    · Operating Temperature Range: -25°C to +80°C or –40°C to +125°C
    · Housing Material: Polysulphone UDEL 1700
    · Cable Length: 200mm PTFE wires
    · IP67 Rated
    · Thermal Testing: As per BS EN60068-2-33
    · Humidity: As per BS EN60068-2-30
    · Vibration: As per BS EN60068 Part S3: 1996
    · Mechanical Shock: As per BS EN60068-2-27 Part 2 Ea: 1987
    · Max. Pressure: 7 bar

    ## Contact Information

    · American Electronic Components Inc.
    · 1101 Lafayette Street, Elkhart, Indiana, USA
    · Tel: +1-574-295-6330
    · Fax: +1-574-293-8013
    · Email: sales@aecsensors.com
    · Website: http://www.aecsensors.com

    Part No.D600HD
    ManufacturerAEC
    Size223 Kbytes
    Pages1 page
    DescriptionOptical Liquid Level Sensors