Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC-4015-25T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CMC-4015-25T Datasheet

  • # Example questions: ➢ How does the sensitivity of the microphone change when the operating voltage is reduced from 0 vdc to 0 vdc?
    ➢ What are the dimensions of the inner box used for packaging these microphones?
    ➢ What is the typical sensitivity of this microphone at 1 khz with a sound pressure level of 1 pa?

  • Part No.CMC-4015-25T
    ManufacturerCUI
    Size480 Kbytes
    Pages4 pages
    DescriptionELECTRET CONDENSER MICROPHONE
    Datasheet Summary with AI

    # MODEL: CMC-4015-25T DESCRIPTION: ELECTRET CONDENSER MICROPHONE

    ## FEATURES

    · Omnidirectional
    · -25 dB sensitivity rating
    · Low profile

    ## SPECIFICATIONS

    · Directivity: Omnidirectional
    · Sensitivity (S): -28 to -22 dB (f = 1 kHz, 1 Pa, 0 dB = 1 V/Pa)
    · Standard Operating Voltage (Vs): 3 Vdc
    · Max Operating Voltage: 10 Vdc
    · Output Impedance (Zout): 2.2 kΩ (f = 1 kHz, 1 Pa)
    · Sensitivity Reduction (∆S-Vs): -3 dB (f = 1 kHz, 1 Pa, Vs = 3.0 ~ 1.0 Vdc)
    · Frequency (f): 100 - 20,000 Hz
    · Current Consumption (IDSS): 0.5 mA (Vs = 3.0 Vdc, RL = 2.2 kΩ)
    · Signal-to-Noise Ratio (S/N): 62 dBA (f = 1 kHz, 1 Pa, A-weighted)
    · Dimensions: Ø4.0 x 1.5 mm
    · Material: Aluminum
    · Weight: 0.06 g
    · Operating Temperature: -20 to 70 °C
    · Storage Temperature: -20 to 70 °C
    · RoHS Compliance: 2011/65/EU

    ## SOLDERABILITY

    · Hand Soldering: 310 - 330 °C for maximum 2 seconds

    ## PACKAGING

    · Inner Box: 62 x 62 x 3 mm (100 pcs)
    · Middle Box: 125 x 65 x 28 mm (1,000 pcs)
    · Outer Box: 210 x 210 x 280 mm (40,000 pcs)

    ## REVISION HISTORY

    · Version 1.0: Initial Release (11/04/2016)

    ## WARRANTY & DISCLAIMERS

    · One (1) year limited warranty.
    · CUI reserves the right to make changes without notice.
    · Not authorized for use in critical life support systems.

    # MODEL: CMC-4015-25T DESCRIPTION: ELECTRET CONDENSER MICROPHONE

    ## FEATURES

    · Omnidirectional
    · -25 dB sensitivity rating
    · Low profile

    ## SPECIFICATIONS

    · Directivity: Omnidirectional
    · Sensitivity (S): -28 to -22 dB (f = 1 kHz, 1 Pa, 0 dB = 1 V/Pa)
    · Standard Operating Voltage (Vs): 3 Vdc
    · Max Operating Voltage: 10 Vdc
    · Output Impedance (Zout): 2.2 kΩ (f = 1 kHz, 1 Pa)
    · Sensitivity Reduction (∆S-Vs): -3 dB (f = 1 kHz, 1 Pa, Vs = 3.0 ~ 1.0 Vdc)
    · Frequency (f): 100 - 20,000 Hz
    · Current Consumption (IDSS): 0.5 mA (Vs = 3.0 Vdc, RL = 2.2 kΩ)
    · Signal-to-Noise Ratio (S/N): 62 dBA (f = 1 kHz, 1 Pa, A-weighted)
    · Dimensions: Ø4.0 x 1.5 mm
    · Material: Aluminum
    · Weight: 0.06 g
    · Operating Temperature: -20 to 70 °C
    · Storage Temperature: -20 to 70 °C
    · RoHS Compliance: 2011/65/EU

    ## SOLDERABILITY

    · Hand Soldering: 310 - 330 °C for maximum 2 seconds

    ## PACKAGING

    · Inner Box: 62 x 62 x 3 mm (100 pcs)
    · Middle Box: 125 x 65 x 28 mm (1,000 pcs)
    · Outer Box: 210 x 210 x 280 mm (40,000 pcs)

    ## REVISION HISTORY

    · Version 1.0: Initial Release (11/04/2016)

    ## WARRANTY & DISCLAIMERS

    · One (1) year limited warranty.
    · CUI reserves the right to make changes without notice.
    · Not authorized for use in critical life support systems.

    Part No.CMC-4015-25T
    ManufacturerCUI
    Size480 Kbytes
    Pages4 pages
    DescriptionELECTRET CONDENSER MICROPHONE
    Privacy Policy
    ALLDATASHEET.COM
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Datasheet Upload   |  Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List