Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACA-101-T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ACA-101-T Datasheet

  • # Example questions: ➢ What is the maximum vswr that can be expected from this antenna?
    ➢ What is the input impedance of the antenna at 2400 mhz?
    ➢ What is the recommended reflow profile temperature and duration for optimal soldering?

  • Part No.ACA-101-T
    ManufacturerABRACON
    Size1Mb
    Pages3 pages
    DescriptionWiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
    Datasheet Summary with AI

    1. Product Overview:

    · Product Type: 2.4 GHz Chip Antenna (likely for Wi-Fi/Bluetooth applications)
    · Datasheet Revision: Revised: 10.03.13
    · Manufacturer: ABRACON

    2. Key Specifications:

    · Frequency: 2.4 GHz (with specific performance notes at 2400 MHz, 2442.5 MHz, and 2485 MHz)
    · Antenna Gain (Typical):
    * At 2400 MHz: 90.1 dB
    * At 2442.5 MHz: 94.3 dB
    * At 2485 MHz: 90.1 dB
    · Input Impedance: 50 Ohms (likely at each of the specified frequencies - *details needed to confirm*)
    · VSWR (Voltage Standing Wave Ratio) (Maximum): 1.5:1 (details provided at specific frequencies, likely 2400MHz, 2442.5MHz, and 2485 MHz.)
    · Dimensions (Outline):
    * L = 4.0 ± 0.1 mm
    * W = 2.0 ± 0.1 mm
    * T = 1.2 ± 0.1 mm
    * Flatness: 0.04 mm
    · Packaging: Tape & Reel

    3. Electrical Characteristics (at Specified Frequencies):

    Frequency (MHz) VSWR (Typical) Notes
    2400 1.31 Details are unclear in image
    2442.5 1.5 CF
    2485 1.31

    4. Physical Characteristics / Outline Dimensions (Tape & Reel):

    Parameter Value
    A 330 +0.2/-2.0 mm
    B 2.0 +0.5/-0.2 mm
    C 13.0 +0.5/-0 mm
    D 20.2 min mm
    N 80 +3.0/-0
    W1 12.4 +3.0/-0 mm
    W2 16.4 +2.0/-0 mm
    A0 2.30±0.10 mm
    E 1.75±0.10 mm
    K0 1.40±0.10 mm
    t 0.30±0.05 mm
    D0 1.55±0.05 mm
    w 12.00±0.30 mm

    5. Application Areas (Implied):

    · Wi-Fi
    · Bluetooth
    · Wireless LAN

    6. Important Notes & Disclaimers:

    · COTS Product: This product is a Commercial Off-The-Shelf (COTS) component and is not designed for critical or life-sustaining applications without proper testing and qualification.
    · Application Restrictions: Not suitable for Military, Aviation, Aerospace, or Life-Dependent Medical applications without express written consent and qualification from ABRACON.
    · Contact ABRACON: For applications requiring high reliability or those operating in harsh environments, contact ABRACON for specific guidance and qualification processes.

    7. Missing/Unclear Information (Due to Image Quality):

    · Exact descriptions of the data on the table for the electrical characteristics
    · Details on gain in dB.



    To improve the clarity and usefulness of this summary, please provide the following:

    · Higher resolution scans or photos of the datasheet. Specifically, the tables outlining the electrical characteristics need to be legible.
    · Clarification on the meaning of "CF" in the VSWR table.

    1. Product Overview:

    · Product Type: 2.4 GHz Chip Antenna (likely for Wi-Fi/Bluetooth applications)
    · Datasheet Revision: Revised: 10.03.13
    · Manufacturer: ABRACON

    2. Key Specifications:

    · Frequency: 2.4 GHz (with specific performance notes at 2400 MHz, 2442.5 MHz, and 2485 MHz)
    · Antenna Gain (Typical):
    * At 2400 MHz: 90.1 dB
    * At 2442.5 MHz: 94.3 dB
    * At 2485 MHz: 90.1 dB
    · Input Impedance: 50 Ohms (likely at each of the specified frequencies - *details needed to confirm*)
    · VSWR (Voltage Standing Wave Ratio) (Maximum): 1.5:1 (details provided at specific frequencies, likely 2400MHz, 2442.5MHz, and 2485 MHz.)
    · Dimensions (Outline):
    * L = 4.0 ± 0.1 mm
    * W = 2.0 ± 0.1 mm
    * T = 1.2 ± 0.1 mm
    * Flatness: 0.04 mm
    · Packaging: Tape & Reel

    3. Electrical Characteristics (at Specified Frequencies):

    Frequency (MHz) VSWR (Typical) Notes
    2400 1.31 Details are unclear in image
    2442.5 1.5 CF
    2485 1.31

    4. Physical Characteristics / Outline Dimensions (Tape & Reel):

    Parameter Value
    A 330 +0.2/-2.0 mm
    B 2.0 +0.5/-0.2 mm
    C 13.0 +0.5/-0 mm
    D 20.2 min mm
    N 80 +3.0/-0
    W1 12.4 +3.0/-0 mm
    W2 16.4 +2.0/-0 mm
    A0 2.30±0.10 mm
    E 1.75±0.10 mm
    K0 1.40±0.10 mm
    t 0.30±0.05 mm
    D0 1.55±0.05 mm
    w 12.00±0.30 mm

    5. Application Areas (Implied):

    · Wi-Fi
    · Bluetooth
    · Wireless LAN

    6. Important Notes & Disclaimers:

    · COTS Product: This product is a Commercial Off-The-Shelf (COTS) component and is not designed for critical or life-sustaining applications without proper testing and qualification.
    · Application Restrictions: Not suitable for Military, Aviation, Aerospace, or Life-Dependent Medical applications without express written consent and qualification from ABRACON.
    · Contact ABRACON: For applications requiring high reliability or those operating in harsh environments, contact ABRACON for specific guidance and qualification processes.

    7. Missing/Unclear Information (Due to Image Quality):

    · Exact descriptions of the data on the table for the electrical characteristics
    · Details on gain in dB.



    To improve the clarity and usefulness of this summary, please provide the following:

    · Higher resolution scans or photos of the datasheet. Specifically, the tables outlining the electrical characteristics need to be legible.
    · Clarification on the meaning of "CF" in the VSWR table.

    Part No.ACA-101-T
    ManufacturerABRACON
    Size1Mb
    Pages3 pages
    DescriptionWiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz