![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD5546 Datasheet
Example questions:
1. What is the operating supply voltage range for the AD5546/AD5556 multiplying DACs?
2. What is the settling time of the AD5546/AD5556 DACs?
3. What are some of the applications mentioned for the AD5546/AD5556 DACs in the provided document?
The AD5546/AD5556 are 16-/14-bit, low power, current output, parallel input D/A converters with 4-quadrant multiplying references.
They operate from a single 2.7 V to 5.5 V supply and have built-in 4-quadrant resistors for resistance matching and temperature tracking.
The feedback resistor simplifies the I-V conversion with an external buffer.
The converters are packaged in compact TSSOP-28 packages with operating temperatures from –40°C to +125°C.
They are suitable for applications such as automatic test equipment, instrumentation, digitally controlled calibration, and digital waveform generation.
The devices have various specifications and electrical characteristics, and proper ESD precautions are recommended to avoid damage.
Part No. | AD5546 |
Manufacturer | AD |
Size | 683 Kbytes |
Pages | 16 pages |
Description | Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors |