Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP16C596 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STP16C596 Datasheet

  • Example questions: 1. What is the output current range provided by the STP16C596 constant current LED sink driver?
    2. How many regulated current sources are designed to provide constant current to drive the LEDs in the STP16C596?
    3. What is the purpose of the external resistor in the STP16C596 and how does it allow users to control the light intensity of LEDs?

  • Part No.STP16C596
    ManufacturerSTMICROELECTRONICS
    Size340 Kbytes
    Pages18 pages
    Description16-BIT CONSTANT CURRENT LED SINK DRIVER
    Datasheet Summary with AI

    The STP16C596 is a 16-bit shift register designed for LED panel displays.
    It features 16 constant current output channels with adjustable output current through an external resistor.
    The device has a 25 MHz clock frequency and is available in various package options.
    It allows for high volume data transmission and has a high thermal TSSOP exposed pad efficiency package.
    The device also has a 16V output driving capability and provides 15-120mA constant current to drive the LEDs.
    It has various input and output terminals and offers high accuracy and switching characteristics.
    The device also has recommended operating conditions and thermal data.
    It is suitable for use in LED panel displays and other applications requiring constant current LED sink drivers.

    Datasheet Summary with AI

    The STP16C596 is a 16-bit shift register designed for LED panel displays.
    It features 16 constant current output channels with adjustable output current through an external resistor.
    The device has a 25 MHz clock frequency and is available in various package options.
    It allows for high volume data transmission and has a high thermal TSSOP exposed pad efficiency package.
    The device also has a 16V output driving capability and provides 15-120mA constant current to drive the LEDs.
    It has various input and output terminals and offers high accuracy and switching characteristics.
    The device also has recommended operating conditions and thermal data.
    It is suitable for use in LED panel displays and other applications requiring constant current LED sink drivers.

    Part No.STP16C596
    ManufacturerSTMICROELECTRONICS
    Size340 Kbytes
    Pages18 pages
    Description16-BIT CONSTANT CURRENT LED SINK DRIVER