Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO1813H-472MLD Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DO1813H-472MLD Datasheet

  • # Example questions: ➢ For the do1813h-332ml part number, what is the typical dc resistance (dcr) and the dc current (isat) at which the inductance drops by 30%?
    ➢ What is the difference between packaging codes 'd' and 'b', and what additional cost is associated with using code 'd'?
    ➢ What storage temperature range is specified for the tape and reel packaging of these inductors?

  • Part No.DO1813H-472MLD
    ManufacturerCOILCRAFT
    Size495 Kbytes
    Pages2 pages
    DescriptionSMT Power Inductors ??DO1813H Series
    Datasheet Summary with AI

    # SMT Power Inductors – DO1813H Series

    ## Product Features
    · High-current power inductance; up to 14 A saturating current
    · Rugged self-leaded construction for reliable soldering
    · Ferrite Core Material
    · RoHS compliant tin-silver over copper terminations (other options available)

    ## Electrical Specifications

    Part Number Inductance (µH) DCR (Ohms) SRF (MHz) Isat (A) Irms (A)
    DO1813H-181ML 0.18 0.003 800 14.0 10.0
    DO1813H-331ML 0.33 0.004 600 10.0 7.0
    DO1813H-561ML 0.56 0.010 200 7.7 6.0
    DO1813H-122ML 1.2 0.017 140 5.3 4.4
    DO1813H-222ML 2.2 0.035 100 3.5 3.1
    DO1813H-332ML 3.3 0.040 80 3.0 2.7
    DO1813H-472ML 4.7 0.054 50 2.6 2.2
    DO1813H-682ML 6.8 0.080 45 2.2 1.8
    DO1813H-822ML 8.2 0.092 42 2.0 1.6
    DO1813H-103ML 10.0 0.11 40 1.9 1.5
    DO1813H-153ML 15.0 0.17 30 1.5 1.2
    DO1813H-223ML 22.0 0.25 25 1.2 1.0
    DO1813H-333ML 33.0 0.35 20 0.99 0.82
    DO1813H-473ML 47.0 0.47 15 0.87 0.72

    ## Ordering Information
    · Termination Options: L (RoHS compliant tin-silver over copper), T (RoHS tin-silver-copper), S (non-RoHS tin-lead)
    · Packaging Options: D (13" machine-ready reel), B (Less than full reel)

    ## Environmental Conditions

    · Operating Temperature: Refer to Doc 362 “Soldering Surface Mount Components”
    · Storage Temperature: -40°C to +125°C
    · Moisture Sensitivity Level: MSL 1

    ## Physical Characteristics
    · Dimensions: Refer to Document 207-2 for typical L vs Frequency & Current diagrams.
    · Weight: Not specified
    ## Other Information

    · Refer to Doc 362 for soldering specifications.
    · PCB washing tested to MIL-STD-202 Method 215.

    # SMT Power Inductors – DO1813H Series

    ## Product Features
    · High-current power inductance; up to 14 A saturating current
    · Rugged self-leaded construction for reliable soldering
    · Ferrite Core Material
    · RoHS compliant tin-silver over copper terminations (other options available)

    ## Electrical Specifications

    Part Number Inductance (µH) DCR (Ohms) SRF (MHz) Isat (A) Irms (A)
    DO1813H-181ML 0.18 0.003 800 14.0 10.0
    DO1813H-331ML 0.33 0.004 600 10.0 7.0
    DO1813H-561ML 0.56 0.010 200 7.7 6.0
    DO1813H-122ML 1.2 0.017 140 5.3 4.4
    DO1813H-222ML 2.2 0.035 100 3.5 3.1
    DO1813H-332ML 3.3 0.040 80 3.0 2.7
    DO1813H-472ML 4.7 0.054 50 2.6 2.2
    DO1813H-682ML 6.8 0.080 45 2.2 1.8
    DO1813H-822ML 8.2 0.092 42 2.0 1.6
    DO1813H-103ML 10.0 0.11 40 1.9 1.5
    DO1813H-153ML 15.0 0.17 30 1.5 1.2
    DO1813H-223ML 22.0 0.25 25 1.2 1.0
    DO1813H-333ML 33.0 0.35 20 0.99 0.82
    DO1813H-473ML 47.0 0.47 15 0.87 0.72

    ## Ordering Information
    · Termination Options: L (RoHS compliant tin-silver over copper), T (RoHS tin-silver-copper), S (non-RoHS tin-lead)
    · Packaging Options: D (13" machine-ready reel), B (Less than full reel)

    ## Environmental Conditions

    · Operating Temperature: Refer to Doc 362 “Soldering Surface Mount Components”
    · Storage Temperature: -40°C to +125°C
    · Moisture Sensitivity Level: MSL 1

    ## Physical Characteristics
    · Dimensions: Refer to Document 207-2 for typical L vs Frequency & Current diagrams.
    · Weight: Not specified
    ## Other Information

    · Refer to Doc 362 for soldering specifications.
    · PCB washing tested to MIL-STD-202 Method 215.

    Part No.DO1813H-472MLD
    ManufacturerCOILCRAFT
    Size495 Kbytes
    Pages2 pages
    DescriptionSMT Power Inductors ??DO1813H Series