![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SAE800 Datasheet
Example questions:
1. What is the supply voltage range for the SAE 800 IC?
2. How many tones can the SAE 800 be programmed to produce?
3. What is the typical standby current of the SAE 800?
The SAE 800 is a programmable single-tone, dual-tone, or triple-tone gong IC designed for a wide supply voltage range of 2.8V to 18V.
It requires few external components and has a standby current of 1 µA.
The IC can be triggered to produce different tone sequences and has loudness control.
It also features short-circuit protection and thermal shutdown.
The IC comes in a compact package and is suitable for various applications, such as home chime installations.
The circuit includes an oscillator, logic unit, digital/analog converter, loudness control, and current amplifier.
The IC is overload-protected and short-circuit-protected, and it is stable and efficient in its operation.
The package includes a P-DIP-8-4 and P-DSO-8-1 (SMD).
The IC has various application circuits and package outlines for different uses.
Part No. | SAE800 |
Manufacturer | INFINEON |
Size | 980 Kbytes |
Pages | 14 pages |
Description | Programmable Single-/Dual-/Triple- Tone Gong |