Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMB9500 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PMB9500 Datasheet

  • Example questions: 1. What is the maximum number of customer programmable RAKE receivers supported by the 3G basestation processor?
    2. How many downlink channel resources are provided by the 3G basestation processor?
    3. What type of programming interface does the 3G basestation processor support for runtime configuration, management, and control?

  • Part No.PMB9500
    ManufacturerINFINEON
    Size2Mb Kbytes
    Pages2 pages
    Description3G Basestation Pro cessor
    Datasheet Summary with AI

    The 3G basestation processor is a single-chip solution for 3GPP/UMTS Macro, Micro, and Pico cell Node B applications.
    It provides up to 64 customer programmable RAKE receivers and 364 downlink channel resources, which can be individually controlled through a Virtual Machine interface.
    The processor supports 3GPP release 99 and release 4 physical channel processing requirements, and features data-rate scalable channel elements, up to 12 uplink and downlink antenna ports, and embedded firmware development tools for customer proprietary radio link, power control, and measurement algorithms.
    It also includes a variety of software and development tools for runtime configuration, management, and control.
    Additionally, the processor supports N-antenna Rx and Tx diversity and is HSDPA ready.
    For more information, customers are advised to contact Infineon Technologies Morphics or their local Infineon sales office.

    Datasheet Summary with AI

    The 3G basestation processor is a single-chip solution for 3GPP/UMTS Macro, Micro, and Pico cell Node B applications.
    It provides up to 64 customer programmable RAKE receivers and 364 downlink channel resources, which can be individually controlled through a Virtual Machine interface.
    The processor supports 3GPP release 99 and release 4 physical channel processing requirements, and features data-rate scalable channel elements, up to 12 uplink and downlink antenna ports, and embedded firmware development tools for customer proprietary radio link, power control, and measurement algorithms.
    It also includes a variety of software and development tools for runtime configuration, management, and control.
    Additionally, the processor supports N-antenna Rx and Tx diversity and is HSDPA ready.
    For more information, customers are advised to contact Infineon Technologies Morphics or their local Infineon sales office.

    Part No.PMB9500
    ManufacturerINFINEON
    Size2Mb Kbytes
    Pages2 pages
    Description3G Basestation Pro cessor