Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EATVS-4 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EATVS-4 Datasheet

  • # Example questions: ➢ Besides air temperature and velocity, what other type of temperature can these systems measure when used as temperature loggers?
    ➢ What is the maximum number of sensors that can be simultaneously used with the eatvs-8 system?
    ➢ What is the specified temperature range within which the sensors operate accurately?

  • Part No.EATVS-4
    ManufacturerATS
    Size571 Kbytes
    Pages1 page
    DescriptionAUTOMATIC TEMPERATURE AND VELOCITY SCANNER
    Datasheet Summary with AI

    # eATVS-4 & eATVS-8 [TM]

    #### AUTOMATIC TEMPERATURE AND VELOCITY SCANNER

    ##### Features

    · Single sensor technology measures both temperature and air velocity.
    · Offers research-quality results with ease of use.
    · Supports up to 8 sensors for simultaneous measurements.
    · Requires a PC connection via USB port.
    · Sensors are calibrated for both low and high velocity flows (0-51 m/s / 0-10,000 ft/min).
    · Includes stageVIEW™ software for data acquisition, reporting, and thermal analysis.
    · Offers free lifetime tech support.

    ##### Technical Data

    · Overall Dimensions: 235 mm x 134 mm x 64 mm (9.25” x 5.25” x 2.5”)
    · Temperature Range: -20°C to 120°C ± 1°C
    · Flow Range: 0 to 51 m/s (0 to 10,000 ft/min) ± 2%
    · Number of Channels:
    * eATVS-4: Up to 4
    * eATVS-8: Up to 8
    · Software: stageVIEW™
    · Power: 110V or 220V
    · Weight: 2 kg (4 lbs.)
    · Connection: USB port
    · Maximum Number of Channels: 32
    · Temperature Range: -30°C to 150°C ± 1°C
    · Velocity Range: 0 to 51 m/s (10,000 ft/min) ± 2%
    · Measurement Duration: Unlimited (PC storage dependent)
    · Depth: 11.0” (27.9cm)
    · Width: 13.5” (34.3cm)
    · Height: 5.3” (13.5cm)
    · Computer Interface: RS232 port
    · Features:
    * Automated data acquisition and reduction
    * Thermal analysis module in software
    * Sensor transparent channel

    ##### Description

    · Portable, 4- and 8-channel hot wire anemometer systems.
    · Employs fast response, omni-directional sensors.
    · Patented single-sensor technology eliminates errors caused by non-isothermal air flow.
    · Usable in rackmount or desktop configurations.
    · Requires a PC and stageVIEW™ software.

    # eATVS-4 & eATVS-8 [TM]

    #### AUTOMATIC TEMPERATURE AND VELOCITY SCANNER

    ##### Features

    · Single sensor technology measures both temperature and air velocity.
    · Offers research-quality results with ease of use.
    · Supports up to 8 sensors for simultaneous measurements.
    · Requires a PC connection via USB port.
    · Sensors are calibrated for both low and high velocity flows (0-51 m/s / 0-10,000 ft/min).
    · Includes stageVIEW™ software for data acquisition, reporting, and thermal analysis.
    · Offers free lifetime tech support.

    ##### Technical Data

    · Overall Dimensions: 235 mm x 134 mm x 64 mm (9.25” x 5.25” x 2.5”)
    · Temperature Range: -20°C to 120°C ± 1°C
    · Flow Range: 0 to 51 m/s (0 to 10,000 ft/min) ± 2%
    · Number of Channels:
    * eATVS-4: Up to 4
    * eATVS-8: Up to 8
    · Software: stageVIEW™
    · Power: 110V or 220V
    · Weight: 2 kg (4 lbs.)
    · Connection: USB port
    · Maximum Number of Channels: 32
    · Temperature Range: -30°C to 150°C ± 1°C
    · Velocity Range: 0 to 51 m/s (10,000 ft/min) ± 2%
    · Measurement Duration: Unlimited (PC storage dependent)
    · Depth: 11.0” (27.9cm)
    · Width: 13.5” (34.3cm)
    · Height: 5.3” (13.5cm)
    · Computer Interface: RS232 port
    · Features:
    * Automated data acquisition and reduction
    * Thermal analysis module in software
    * Sensor transparent channel

    ##### Description

    · Portable, 4- and 8-channel hot wire anemometer systems.
    · Employs fast response, omni-directional sensors.
    · Patented single-sensor technology eliminates errors caused by non-isothermal air flow.
    · Usable in rackmount or desktop configurations.
    · Requires a PC and stageVIEW™ software.

    Part No.EATVS-4
    ManufacturerATS
    Size571 Kbytes
    Pages1 page
    DescriptionAUTOMATIC TEMPERATURE AND VELOCITY SCANNER