| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about L040-1-520X Datasheet
# Example questions:
➢ How does the temperature rise affect the transformer's performance and what is the typical temperature rise in degrees celsius?
➢ What is the maximum power (in va) that this transformer can handle?
➢ Which safety certifications does this transformer have, and what do those certifications signify?
# COMMANDER CLASS Power Transformer
## General Information
· Chassis mount with lead wires
· Part Numbers: L040-1-XXXX, L040-2-XXXX, L040-3-XXXX
· Proprietary item – Ensign retains exclusive rights.
· Marking: Ensign Corp, part number, date code.
## Electrical Specifications
· Maximum Power: 40VA
· Input Voltage: 115V, 115/230V, or 230V
· Frequency: 50/60Hz
· Voltage Regulation: 10% typical (full load to no load)
· Temperature Rise: 40°C typical
· Insulation Resistance: < 1 MEG ohm
· Hi-Pot:
* 2500Vrms for 1 minute (Pri to Sec)
* 2500Vrms for 1 minute (Pri to Core)
* 1500Vrms for 1 minute (Sec to Core)
## Safety Certifications
· UL/cUL 5085-2 Recognized (File E47299)
· UL 1446 Recognized Insulation System (File E95662)
## Schematics (Options)
· Single Input: 115V, 230V, or 277V
· Dual Input: 115/230V or 120/240V
· Tapped Input
· Single Output
· Center-Tapped Output
· Dual Output
## Secondary Voltage Options (Table)
| Part Number | 115V | 115/230V | 230V | Secondary Voltage |
|---|---|---|---|---|
| L040-1-510X | L040-2-510X | L040-3-510X | 10VCT @ 4.0A | |
| L040-1-512X | L040-2-512X | L040-3-512X | 12.6VCT @ 3.2A | |
| L040-1-516X | L040-2-516X | L040-3-516X | 16VCT @ 2.5A | |
| L040-1-520X | L040-2-520X | L040-3-520X | 20VCT @ 2.0A | |
| L040-1-524X | L040-2-524X | L040-3-524X | 24VCT @ 1.6A | |
| L040-1-528X | L040-2-528X | L040-3-528X | 28VCT @ 1.4A | |
| L040-1-536X | L040-2-536X | L040-3-536X | 36VCT @ 1.1A | |
| L040-1-548X | L040-2-548X | L040-3-548X | 48VCT @ 830mA | |
| L040-1-556X | L040-2-556X | L040-3-556X | 56VCT @ 710mA | |
| L040-1-620X | L040-2-620X | L040-3-620X | 120VCT @ 330mA |
# COMMANDER CLASS Power Transformer
## General Information
· Chassis mount with lead wires
· Part Numbers: L040-1-XXXX, L040-2-XXXX, L040-3-XXXX
· Proprietary item – Ensign retains exclusive rights.
· Marking: Ensign Corp, part number, date code.
## Electrical Specifications
· Maximum Power: 40VA
· Input Voltage: 115V, 115/230V, or 230V
· Frequency: 50/60Hz
· Voltage Regulation: 10% typical (full load to no load)
· Temperature Rise: 40°C typical
· Insulation Resistance: < 1 MEG ohm
· Hi-Pot:
* 2500Vrms for 1 minute (Pri to Sec)
* 2500Vrms for 1 minute (Pri to Core)
* 1500Vrms for 1 minute (Sec to Core)
## Safety Certifications
· UL/cUL 5085-2 Recognized (File E47299)
· UL 1446 Recognized Insulation System (File E95662)
## Schematics (Options)
· Single Input: 115V, 230V, or 277V
· Dual Input: 115/230V or 120/240V
· Tapped Input
· Single Output
· Center-Tapped Output
· Dual Output
## Secondary Voltage Options (Table)
| Part Number | 115V | 115/230V | 230V | Secondary Voltage |
|---|---|---|---|---|
| L040-1-510X | L040-2-510X | L040-3-510X | 10VCT @ 4.0A | |
| L040-1-512X | L040-2-512X | L040-3-512X | 12.6VCT @ 3.2A | |
| L040-1-516X | L040-2-516X | L040-3-516X | 16VCT @ 2.5A | |
| L040-1-520X | L040-2-520X | L040-3-520X | 20VCT @ 2.0A | |
| L040-1-524X | L040-2-524X | L040-3-524X | 24VCT @ 1.6A | |
| L040-1-528X | L040-2-528X | L040-3-528X | 28VCT @ 1.4A | |
| L040-1-536X | L040-2-536X | L040-3-536X | 36VCT @ 1.1A | |
| L040-1-548X | L040-2-548X | L040-3-548X | 48VCT @ 830mA | |
| L040-1-556X | L040-2-556X | L040-3-556X | 56VCT @ 710mA | |
| L040-1-620X | L040-2-620X | L040-3-620X | 120VCT @ 330mA |
| Part No. | L040-1-520X |
| Manufacturer | ENSIGN |
| Size | 503 Kbytes |
| Pages | 1 page |
| Description | POWER TRANSFORMER COMMANDER CLASS |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |