| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about S4580 Datasheet
# Example questions:
➢ What is the maximum allowable power dissipation for the s4580 when operating at a temperature of 25°c?
➢ What is the range of operating voltages supported by the s4580?
➢ What is the typical gain bandwidth product of the s4580 at 10khz?
# S4580 Dual OP AMP
## Description
· Dual operational amplifier designed for audio applications (tone control, pre-amps, active filters, industrial measurement tools, headphones).
· Suitable for low-voltage single-supply applications.
## Features
· Operating Voltage: ±2V ~ ±18V
· Input Noise Voltage: 0.8 μVrms (typical)
· Gain Bandwidth Product: 15 MHz (typical)
· Distortion: 0.0005% (typical)
· Slew Rate: 5 V/μs (typical)
## Ordering Information
| Type NO. | Marking | Package Code |
|---|---|---|
| S4580 | S4580 | SOP-8 |
| Characteristic | Symbol | Rating | Unit |
|---|---|---|---|
| Supply Voltage | VCC | ±18 | V |
| Differential Input Voltage | VID | ±30 | V |
| Input Voltage | VIC | ±15 | V |
| Output Current | IO | ±50 | mA |
| Power Dissipation | PD | 300 | mW |
| Operating Temperature | Topr | -40 ~ +85 | °C |
| Storage Temperature | Tstg | -40 ~ +125 | °C |
# S4580 Dual OP AMP
## Description
· Dual operational amplifier designed for audio applications (tone control, pre-amps, active filters, industrial measurement tools, headphones).
· Suitable for low-voltage single-supply applications.
## Features
· Operating Voltage: ±2V ~ ±18V
· Input Noise Voltage: 0.8 μVrms (typical)
· Gain Bandwidth Product: 15 MHz (typical)
· Distortion: 0.0005% (typical)
· Slew Rate: 5 V/μs (typical)
## Ordering Information
| Type NO. | Marking | Package Code |
|---|---|---|
| S4580 | S4580 | SOP-8 |
| Characteristic | Symbol | Rating | Unit |
|---|---|---|---|
| Supply Voltage | VCC | ±18 | V |
| Differential Input Voltage | VID | ±30 | V |
| Input Voltage | VIC | ±15 | V |
| Output Current | IO | ±50 | mA |
| Power Dissipation | PD | 300 | mW |
| Operating Temperature | Topr | -40 ~ +85 | °C |
| Storage Temperature | Tstg | -40 ~ +125 | °C |
| Part No. | S4580 |
| Manufacturer | AUK |
| Size | 358 Kbytes |
| Pages | 5 pages |
| Description | Dual OP AMP |