| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ACHL1-N-K-S-A Datasheet
# Example questions:
➢ What types of applications are abracon's products *not* designed for, and what is required for use in those applications?
➢ What are the maximum permissible tolerances for frequency stability, as defined by the r*, k, h, and c specifications?
➢ What frequency ranges are supported by the achl1 crystal oscillator, based on the provided document?
1. Product Description:
· Type: Crystal Clock Oscillator (ACHL1 series)
· Form Factor: Half-size DIP (Dual Inline Package)
· Voltage: 2.5V (Low Voltage)
2. Electrical Characteristics / Performance:
· Frequency Stability: Details are given in options based on temperature and options (R*, K, H, C) with PPM (Parts Per Million) specifications. (See options below for more detail)
· Output: Standard or Tristate Enable/Disable
· VDD: Pin 8
· GND/Case: Pin 4
· Output: Pin 5
3. Environmental / Operational Conditions:
· Operating Temperature: Not explicitly stated but implied to be a broad range suitable for general commercial and industrial applications. Specific temperatures may vary based on selected options.
· RoHS Compliant: Yes
· Lead Finish: Not Specified
· Temp Option: D, E, F, N and 0°C to +70°C
4. Pinout:
· Pin 1: C or Tristate Enable/Disable
· Pin 4: GND/Case
· Pin 5: Output
· Pin 8: VDD
5. Important Considerations/Warnings:
· Not for Critical Applications: The document explicitly states the oscillator is *not* designed for Military, Aviation, Aerospace, or Life-dependent Medical applications that demand high reliability. Use requires Abracon's written authorization for such uses.
6. Options/Specifications Breakdown:
The document lists various options for frequency stability, indicating different grades of precision and temperature tolerance. I'm unable to fully list them as a lot of them are symbols. However, there are a few.
· R*: Likely represents a specific stability grade - precision is not provided.
· K: ±30 PPM
· H: ±35 PPM
· C: ±50 PPM
Overall Purpose:
1. Product Description:
· Type: Crystal Clock Oscillator (ACHL1 series)
· Form Factor: Half-size DIP (Dual Inline Package)
· Voltage: 2.5V (Low Voltage)
2. Electrical Characteristics / Performance:
· Frequency Stability: Details are given in options based on temperature and options (R*, K, H, C) with PPM (Parts Per Million) specifications. (See options below for more detail)
· Output: Standard or Tristate Enable/Disable
· VDD: Pin 8
· GND/Case: Pin 4
· Output: Pin 5
3. Environmental / Operational Conditions:
· Operating Temperature: Not explicitly stated but implied to be a broad range suitable for general commercial and industrial applications. Specific temperatures may vary based on selected options.
· RoHS Compliant: Yes
· Lead Finish: Not Specified
· Temp Option: D, E, F, N and 0°C to +70°C
4. Pinout:
· Pin 1: C or Tristate Enable/Disable
· Pin 4: GND/Case
· Pin 5: Output
· Pin 8: VDD
5. Important Considerations/Warnings:
· Not for Critical Applications: The document explicitly states the oscillator is *not* designed for Military, Aviation, Aerospace, or Life-dependent Medical applications that demand high reliability. Use requires Abracon's written authorization for such uses.
6. Options/Specifications Breakdown:
The document lists various options for frequency stability, indicating different grades of precision and temperature tolerance. I'm unable to fully list them as a lot of them are symbols. However, there are a few.
· R*: Likely represents a specific stability grade - precision is not provided.
· K: ±30 PPM
· H: ±35 PPM
· C: ±50 PPM
Overall Purpose:
| Part No. | ACHL1-N-K-S-A |
| Manufacturer | ABRACON |
| Size | 669 Kbytes |
| Pages | 2 pages |
| Description | CRYSTAL CLOCK OSCILLATOR |