![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RJF0410JPE_15 Datasheet
Example questions:
1. What is the maximum drain to source voltage (VDSS) for the RJF0410JPE FET according to the datasheet?
2. What is the built-in feature in the RJF0410JPE FET that allows it to shut down the gate voltage in case of high junction temperature?
3. What is the maximum drain current (ID) supported by the RJF0410JPE FET as per the datasheet?
The document is a data sheet for the RJF0410JPE, a 40V - 40A - N Channel Thermal FET power switching device.
It includes information on the features, absolute maximum ratings, typical operation characteristics, electrical characteristics, main characteristics, and package dimensions.
The FET has built-in over temperature shut-down and current limitation circuits, and is AEC-Q101 compliant.
It also provides information on ordering the product.
Part No. | RJF0410JPE_15 |
Manufacturer | RENESAS |
Size | 209 Kbytes |
Pages | 8 pages |
Description | 40V - 40A - N Channel Thermal FET Power Switching |