Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9460_15 Datasheet with Chat AI
Part No.AD9460_15
ManufacturerAD
Size1Mb Kbytes
Pages32 pages
Description16-Bit, 80 MSPS/105 MSPS ADC
Datasheet Summary with AI

The AD9460 is a 16-bit, 80 MSPS/105 MSPS ADC (analog-to-digital converter) manufactured by Analog Devices.
It offers a guaranteed sampling rate of 105 MSPS, with excellent signal-to-noise ratio (SNR) and spurious-free dynamic range (SFDR) performance.
The ADC operates at 3.3 V and 5.0 V power supplies and features buffered analog inputs, LVDS or CMOS outputs, and selectable operating conditions.
It is suitable for applications such as MRI receivers, cellular receivers, radar, and communications instrumentation.
The ADC is available in a Pb-free, 100-lead, surface-mount, plastic package and is specified over the industrial temperature range of −40°C to +85°C.
The product highlights include true 16-bit linearity, high performance, ease of use, and clock duty cycle stabilizer (DCS) for maintaining overall ADC performance.
The document also includes detailed specifications, timing diagrams, and other technical information about the ADC.

Datasheet Summary with AI

The AD9460 is a 16-bit, 80 MSPS/105 MSPS ADC (analog-to-digital converter) manufactured by Analog Devices.
It offers a guaranteed sampling rate of 105 MSPS, with excellent signal-to-noise ratio (SNR) and spurious-free dynamic range (SFDR) performance.
The ADC operates at 3.3 V and 5.0 V power supplies and features buffered analog inputs, LVDS or CMOS outputs, and selectable operating conditions.
It is suitable for applications such as MRI receivers, cellular receivers, radar, and communications instrumentation.
The ADC is available in a Pb-free, 100-lead, surface-mount, plastic package and is specified over the industrial temperature range of −40°C to +85°C.
The product highlights include true 16-bit linearity, high performance, ease of use, and clock duty cycle stabilizer (DCS) for maintaining overall ADC performance.
The document also includes detailed specifications, timing diagrams, and other technical information about the ADC.

Part No.AD9460_15
ManufacturerAD
Size1Mb Kbytes
Pages32 pages
Description16-Bit, 80 MSPS/105 MSPS ADC