Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707_15 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD7707_15 Datasheet

  • Example questions: 1. What is the power dissipation of the AD7707 ADC at 3 V supply?
    2. What is the input signal range that the high level input channel of the AD7707 ADC can accept?
    3. How many low level pseudo differential analog input channels does the AD7707 ADC have?

  • Part No.AD7707_15
    ManufacturerAD
    Size693 Kbytes
    Pages52 pages
    Description3-Channel 16-Bit, Sigma-Delta ADC
    Datasheet Summary with AI

    The AD7707 is a 3-channel 16-bit, sigma-delta analog-to-digital converter (ADC) designed for low frequency measurement applications.
    It features a charge balancing ADC, 16 bits with no missing codes, and ±0.003% nonlinearity.
    The device can accept high level (±10 V) and low level (±10 mV) input signals and has a programmable gain front end with gains from 1 to 128.
    It operates from a single 2.7 V to 3.3 V or 4.75 V to 5.25 V supply and has a power dissipation of 1 mW at 3 V.
    The AD7707 is ideal for use in smart, microcontroller, or DSP-based systems and features a serial interface that can be configured for 3-wire operation.
    It also contains self-calibration and system calibration options to eliminate gain and offset errors.
    The device is available in 20-lead SOIC and TSSOP packages and is suitable for low power systems.

    Datasheet Summary with AI

    The AD7707 is a 3-channel 16-bit, sigma-delta analog-to-digital converter (ADC) designed for low frequency measurement applications.
    It features a charge balancing ADC, 16 bits with no missing codes, and ±0.003% nonlinearity.
    The device can accept high level (±10 V) and low level (±10 mV) input signals and has a programmable gain front end with gains from 1 to 128.
    It operates from a single 2.7 V to 3.3 V or 4.75 V to 5.25 V supply and has a power dissipation of 1 mW at 3 V.
    The AD7707 is ideal for use in smart, microcontroller, or DSP-based systems and features a serial interface that can be configured for 3-wire operation.
    It also contains self-calibration and system calibration options to eliminate gain and offset errors.
    The device is available in 20-lead SOIC and TSSOP packages and is suitable for low power systems.

    Part No.AD7707_15
    ManufacturerAD
    Size693 Kbytes
    Pages52 pages
    Description3-Channel 16-Bit, Sigma-Delta ADC