Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
The AD7612 is a 16-bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR® ADC.
It features multiple pins/software programmable input ranges, fast throughput, and superior linearity.
The device is configured through hardware or a dedicated write only serial configuration port for input range and operating mode.
It contains a high speed 16-bit sampling ADC, an internal conversion clock, an internal reference, error correction circuits, and both serial and parallel system interface ports.
The ADC is suitable for applications such as process control, medical instruments, high speed data acquisition, digital signal processing, instrumentation, and spectrum analysis.
The specifications, timing specifications, absolute maximum ratings, and other technical details are provided in the data sheet.
The device operates in a temperature range of -40°C to +85°C.
Part No. | AD7612_15 |
Manufacturer | AD |
Size | 525 Kbytes |
Pages | 32 pages |
Description | 16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR |