![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
The AD5662 is a low power, single 16-bit buffered voltage-out DAC that operates from a single 2.7 V to 5.5 V supply and is guaranteed monotonic by design.
It requires an external reference voltage to set the output range of the DAC and incorporates a power-on reset circuit.
The part contains a power-down feature that reduces the current consumption of the device and has a low power consumption in normal operation, making it suitable for portable battery-operated equipment.
It uses a versatile 3-wire serial interface that operates at clock rates up to 30 MHz and is compatible with standard interface standards.
The device is suitable for applications such as process control, data acquisition systems, portable battery-powered instruments, digital gain and offset adjustment, programmable voltage and current sources, and programmable attenuators.
The device is available in 8-lead SOT-23 and 8-lead MSOP packages and has a power consumption of 0.75 mW at 5 V, going down to 2.4 μW in power-down mode.
Part No. | AD5662_15 |
Manufacturer | AD |
Size | 584 Kbytes |
Pages | 24 pages |
Description | 2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23 |