![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
The AD5546/AD5556 are 16-/14-bit, low power, current output, parallel input digital-to-analog converters (DACs) with ±10 V multiplying references for four-quadrant outputs.
They have built-in four-quadrant resistors to minimize the number of components needed for multiquadrant applications.
The feedback resistor simplifies the I-V conversion with an external buffer.
The DACs operate from a single 2.7 V to 5.5 V supply and are packaged in compact TSSOP-28 packages with operating temperatures from –40°C to +125°C.
The data sheet includes specifications, electrical characteristics, timing diagrams, absolute maximum ratings, and revision history.
The DACs are suitable for applications such as automatic test equipment, instrumentation, and digitally controlled calibration.
Part No. | AD5556_15 |
Manufacturer | AD |
Size | 1Mb Kbytes |
Pages | 20 pages |
Description | Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors |