![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD5310_15 Datasheet
Example questions:
1. What is the power consumption of the AD5310 DAC at 5V and in power-down mode?
2. What is the supply voltage range for the AD5310 DAC?
3. What are the different power-down functions available for the AD5310 DAC?
The AD5310 is a 10-bit DAC with a voltage output that operates from a single 2.7 V to 5.5 V supply.
It has a micropower operation, consuming 140 µA at 5 V and can power down to 200 nA at 5 V, 50 nA at 3 V.
The reference for the AD5310 is derived from the power supply, providing the widest dynamic output range.
It also incorporates a power-on reset circuit and a power-down feature.
The low power consumption makes it suitable for portable, battery-operated equipment.
The AD5310 is available in 6-lead SOT-23 and 8-lead µSOIC packages.
It also has a high-speed serial interface with clock speeds of up to 30 MHz and is designed for very low power consumption.
The DAC is guaranteed monotonic by design and is qualified for automotive applications.
The data sheet provides detailed specifications, timing characteristics, absolute maximum ratings, pin configurations, and typical performance characteristics.
Part No. | AD5310_15 |
Manufacturer | AD |
Size | 578 Kbytes |
Pages | 16 pages |
Description | 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 |