![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD1896_15 Datasheet
Example questions:
1. What is the model number of the asynchronous sample rate converter described in the document?
2. What type of interface does the AD1896 use for its serial input and output ports?
3. What is the dynamic range of the AD1896 as mentioned in the document?
The AD1896 is a high-performance, second-generation asynchronous sample rate converter offered by Analog Devices.
It features improved performance, including a THD + N range of –117 dB to –133 dB, 142 dB dynamic range, and 192 kHz sampling frequencies for both input and output sample rates.
The device has a 3-wire interface for the serial input and output ports, supports multiple serial formats, and has a bypass mode.
It also supports master modes of 256 ¥ fS, 512 ¥ fS, and 768 ¥ fS for both input and output serial ports.
The AD1896 is suitable for applications such as home theater systems, studio digital mixers, automotive audio systems, and digital audio effects processors.
It operates in a temperature range of –40 ∞C to +105 ∞C and has a thermal resistance of 109 ∞C/W.
Part No. | AD1896_15 |
Manufacturer | AD |
Size | 1Mb Kbytes |
Pages | 28 pages |
Description | 192 kHz Stereo Asynchronous Sample Rate Converter |