![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD1895_15 Datasheet
Example questions:
1. What is the model number of the asynchronous sample rate converter described in the document?
2. What is the maximum sampling frequency supported by the AD1895 for both input and output?
3. What type of interface does the AD1895 use for its serial input and output ports?
The document provides information about the AD1895, a 24-bit, high performance, single-chip, second generation asynchronous sample rate converter manufactured by Analog Devices.
It offers improved performance and additional features compared to its predecessor, including a THD + N range of –115 dB to –122 dB, 128 dB dynamic range, 192 kHz sampling frequencies for both input and output sample rates, improved jitter rejection, and 1:8 upsampling and 7.75:1 downsampling ratios.
The device has a 3-wire interface for the serial input and output ports and supports left-justified, I2S, and right-justified modes.
It also has a bypass mode and supports multiple AD1895 TDM Daisy-Chain Mode.
The document also includes specifications, digital timing, digital filters, digital I/O characteristics, power supplies, absolute maximum ratings, and ordering guide for the AD1895.
Part No. | AD1895_15 |
Manufacturer | AD |
Size | 860 Kbytes |
Pages | 24 pages |
Description | 192 kHz Stereo Asynchronous Sample Rate Converter |