Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF40N60M2 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STF40N60M2 Datasheet

  • Example questions: 1. What is the maximum drain-source voltage (VDS) for the STB40N60M2 Power MOSFET?
    2. What are the key features of the MDmesh II Plus™ low Qg Power MOSFETs?
    3. Which applications are suitable for the STB40N60M2, STP40N60M2, and STW40N60M2 Power MOSFETs?

  • Part No.STF40N60M2
    ManufacturerSTMICROELECTRONICS
    Size1Mb Kbytes
    Pages22 pages
    DescriptionN-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
    Datasheet Summary with AI

    The document provides information on the STB40N60M2, STP40N60M2, and STW40N60M2 N-channel Power MOSFETs, which are in full production.
    These MOSFETs have a voltage rating of 600V, a typical on-resistance of 0.078Ω, and a maximum current rating of 34A.
    They are available in D2PAK, TO-220, and TO-247 packages.
    The features of these MOSFETs include extremely low gate charge, lower RDS(on) x area compared to the previous generation, low gate input resistance, 100% avalanche tested, and Zener-protected.
    They are suitable for switching applications, LLC converters, and resonant converters.
    The document also includes electrical ratings, thermal data, avalanche characteristics, electrical characteristics, test circuits, and package mechanical data.
    Additionally, it provides order codes, device summary, and package mechanical data for D2PAK.
    The document also includes information on ECOPACK® packages for environmental compliance.

    Datasheet Summary with AI

    The document provides information on the STB40N60M2, STP40N60M2, and STW40N60M2 N-channel Power MOSFETs, which are in full production.
    These MOSFETs have a voltage rating of 600V, a typical on-resistance of 0.078Ω, and a maximum current rating of 34A.
    They are available in D2PAK, TO-220, and TO-247 packages.
    The features of these MOSFETs include extremely low gate charge, lower RDS(on) x area compared to the previous generation, low gate input resistance, 100% avalanche tested, and Zener-protected.
    They are suitable for switching applications, LLC converters, and resonant converters.
    The document also includes electrical ratings, thermal data, avalanche characteristics, electrical characteristics, test circuits, and package mechanical data.
    Additionally, it provides order codes, device summary, and package mechanical data for D2PAK.
    The document also includes information on ECOPACK® packages for environmental compliance.

    Part No.STF40N60M2
    ManufacturerSTMICROELECTRONICS
    Size1Mb Kbytes
    Pages22 pages
    DescriptionN-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages