| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 100401180001 Datasheet
# Example questions:
➢ What is the quantity of units included in each packaging unit?
➢ What plating material is used for the mating area of the connector?
➢ What is the maximum allowable coplanarity for the connections?
# 100401180001 - Male Connector THR, Powerm. 10mm
## General Information
· Designation: Male Con. THR, Powerm. 10mm / Messerleiste THR, Powerm. 10mm
· Part Number: 100401180001
· Version: A3, Class MSPEED, Index K
· Date: 06.02.2014
· Website: www.ERNI.com
· Proprietary notice pursuant to ISO 16016 to be observed.
· Subject to modification without prior notice; drawing will not be updated.
· Contact ERNI companies before using.
## Technical Specifications
· Mating Area: Gold plating
· Terminal Area: Tin plating (4-6 µm)
· Coplanarity of Terminations: ≤ 0.1 mm
· Performance Level: 1
· Reel Off Direction: Specified.
· Packaging: Tape on Reel Packaging according to DIN IEC 60286-3
· Packaging Unit: 220 pcs
## PCB Layout Information
· Drill Tool Diameter: 0.7 - 0.9 ±0.03 mm
· Layout proposal includes dimensions.
· Specific dimensions are provided in mm, including:
- 12.15
- 8.95
- 5.85
- 4.6
- 3.675
- 0.6
- 0.65
- 11
- 1.5
- 0.8
- 0.15
- 3.675
- and others
· Reference to "ohne Ansaughaube" (without hood) and dimensions related to it.
· Specific ratios such as 5:1 are mentioned.
### Dimensions
-Scale: 5:1
· Tolerance: ±0.03
# 100401180001 - Male Connector THR, Powerm. 10mm
## General Information
· Designation: Male Con. THR, Powerm. 10mm / Messerleiste THR, Powerm. 10mm
· Part Number: 100401180001
· Version: A3, Class MSPEED, Index K
· Date: 06.02.2014
· Website: www.ERNI.com
· Proprietary notice pursuant to ISO 16016 to be observed.
· Subject to modification without prior notice; drawing will not be updated.
· Contact ERNI companies before using.
## Technical Specifications
· Mating Area: Gold plating
· Terminal Area: Tin plating (4-6 µm)
· Coplanarity of Terminations: ≤ 0.1 mm
· Performance Level: 1
· Reel Off Direction: Specified.
· Packaging: Tape on Reel Packaging according to DIN IEC 60286-3
· Packaging Unit: 220 pcs
## PCB Layout Information
· Drill Tool Diameter: 0.7 - 0.9 ±0.03 mm
· Layout proposal includes dimensions.
· Specific dimensions are provided in mm, including:
- 12.15
- 8.95
- 5.85
- 4.6
- 3.675
- 0.6
- 0.65
- 11
- 1.5
- 0.8
- 0.15
- 3.675
- and others
· Reference to "ohne Ansaughaube" (without hood) and dimensions related to it.
· Specific ratios such as 5:1 are mentioned.
### Dimensions
-Scale: 5:1
· Tolerance: ±0.03
| Part No. | 100401180001 |
| Manufacturer | ERNI |
| Size | 81 Kbytes |
| Pages | 1 page |
| Description | Messerleiste THR, Powerm. 10mm |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |