| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AL-6B13WC-120 Datasheet
# Example questions:
➢ What is the maximum forward current allowed for this component?
➢ What is the maximum storage temperature range for this component?
➢ What is the typical dominant wavelength emitted by this component at 700ma?
# AL-6B13WC-120 LED Specifications
## General Information
· Manufacturer: A-BRIGHT INDUSTRIAL CO., LTD.
· Part Number: AL-6B13WC-120
· Housing: N/A
· Emitting Color: Blue
· Lens Color: Water Clear
## Absolute Maximum Ratings
· Forward Current (IF): 700 mA
· Peak Pulsed Forward Current (IPF): 1000 mA
· Power Dissipation (PD): 3 W
· Reverse Voltage (VR): 5 V
· Operating Temperature Range (Topr): -40 to +85 °C
· Storage Temperature Range (Tstg): -40 to +85 °C
· Soldering Temperature (Tsol): 260 ± 5 seconds
## Electrical/Optical Characteristics (Ta=25°C, IF=700mA)
· Luminous Flux: 18 - 32 lm
· Forward Voltage (VF): 2.8 - 4.5 V
· Dominant Wavelength (λd): 460 - 470 nm
· Spectral Half-Width (△λ1/2): 25 nm
· Temperature Coefficient of Dominant Wavelength (△λd /△Tj): 0.04 nm/°C
· Temperature Coefficient of Forward Voltage (△VF /△Tj): -2.0 mV/°C
· Thermal Resistance (Junction to Board): 15 °C/W
· Viewing Angle (2θ1/2): 120°
## Reliability Test Conditions
· Solder Heat: 260°C ± 5°C for 5 seconds (30 pcs, 0/1)
· Temperature Cycle: -40 to 30°C (min), -25 to 5°C (min), -105 to 30°C (min), -25 to 5°C (min) - 100 cycles (30 pcs, 0/1)
· Thermal Shock: -40 to -105°C for 5 minutes each - 20 cycles (30 pcs, 0/1)
· High Temperature Storage: 85°C for 1000 hours (30 pcs, 0/1)
· Low Temperature Storage: -35°C for 1000 hours (30 pcs, 0/1)
· DC Operating Life: 350mA for 1000 hours (30 pcs, 0/1)
· High Temperature/High Humidity: Ta=60°C, RH 90% for 1000 hours (30 pcs, 0/1)
# AL-6B13WC-120 LED Specifications
## General Information
· Manufacturer: A-BRIGHT INDUSTRIAL CO., LTD.
· Part Number: AL-6B13WC-120
· Housing: N/A
· Emitting Color: Blue
· Lens Color: Water Clear
## Absolute Maximum Ratings
· Forward Current (IF): 700 mA
· Peak Pulsed Forward Current (IPF): 1000 mA
· Power Dissipation (PD): 3 W
· Reverse Voltage (VR): 5 V
· Operating Temperature Range (Topr): -40 to +85 °C
· Storage Temperature Range (Tstg): -40 to +85 °C
· Soldering Temperature (Tsol): 260 ± 5 seconds
## Electrical/Optical Characteristics (Ta=25°C, IF=700mA)
· Luminous Flux: 18 - 32 lm
· Forward Voltage (VF): 2.8 - 4.5 V
· Dominant Wavelength (λd): 460 - 470 nm
· Spectral Half-Width (△λ1/2): 25 nm
· Temperature Coefficient of Dominant Wavelength (△λd /△Tj): 0.04 nm/°C
· Temperature Coefficient of Forward Voltage (△VF /△Tj): -2.0 mV/°C
· Thermal Resistance (Junction to Board): 15 °C/W
· Viewing Angle (2θ1/2): 120°
## Reliability Test Conditions
· Solder Heat: 260°C ± 5°C for 5 seconds (30 pcs, 0/1)
· Temperature Cycle: -40 to 30°C (min), -25 to 5°C (min), -105 to 30°C (min), -25 to 5°C (min) - 100 cycles (30 pcs, 0/1)
· Thermal Shock: -40 to -105°C for 5 minutes each - 20 cycles (30 pcs, 0/1)
· High Temperature Storage: 85°C for 1000 hours (30 pcs, 0/1)
· Low Temperature Storage: -35°C for 1000 hours (30 pcs, 0/1)
· DC Operating Life: 350mA for 1000 hours (30 pcs, 0/1)
· High Temperature/High Humidity: Ta=60°C, RH 90% for 1000 hours (30 pcs, 0/1)
| Part No. | AL-6B13WC-120 |
| Manufacturer | A-BRIGHT |
| Size | 210 Kbytes |
| Pages | 6 pages |
| Description | All dimensions are in millimeters |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |