Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR201 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FR201 Datasheet

  • # Example questions: ➢ What is the maximum average forward rectified current for the fr205 rectifier?
    ➢ How does the maximum reverse recovery time change between the fr201 and fr207 rectifiers?
    ➢ What is the specified operating and storage temperature range for all rectifier models listed?

  • Part No.FR201
    ManufacturerDCCOM
    Size443 Kbytes
    Pages2 pages
    DescriptionTECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
    Datasheet Summary with AI

    # Fast Recovery Rectifier (FR201-FR207)

    ## General Characteristics

    · Voltage Range: 50 to 1000 Volts
    · Current: 2.0 Amperes
    · Features: Fast switching, low leakage, low forward voltage drop, high current capability, high current surge, high reliability
    · Case: Molded plastic, UL 94V-0 flame retardant
    · Lead: MIL-STD-202E, Method 70 guaranteed
    · Mounting Position: Any
    · Weight: 0.38 gram

    ## Electrical Characteristics

    |SYMBOL|FR201|FR202|FR203|FR204|FR205|FR206|FR207|UNITS|
    |---|---|---|---|---|---|---|---|---|
    |Maximum Recurrent Peak Reverse Voltage (VRRM)|50|100|200|400|600|800|1000|Volts|
    |Maximum RMS Voltage (VRMS)|35|70|140|280|420|560|700|Volts|
    |Maximum DC Blocking Voltage (VDC)|50|100|200|400|600|800|1000|Volts|
    |Maximum Average Forward Rectified Current (IO) at TA = 75°C|2.0|2.0|2.0|2.0|2.0|2.0|2.0|Amps|

    |Peak Forward Surge Current (IFSM) |70|70|70|70|70|70|70|Amps|
    |Maximum Instantaneous Forward Voltage at 2.0A DC (VF)|1.3|1.3|1.3|1.3|1.3|1.3|1.3|Volts|
    |Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25°C (IR)|5.0|5.0|5.0|5.0|5.0|5.0|5.0|uAmps|
    |Maximum Full Load Reverse Current (Full Cycle Average)|100|100|100|100|100|100|100|uAmps|
    |Maximum Reverse Recovery Time (trr)|150|150|150|150|250|500|500|nSec|
    |Typical Junction Capacitance (CJ)|40|40|40|40|40|40|40|pF|
    |Operating and Storage Temperature Range (TJ, TSTG)|-65 to + 150|-65 to + 150|-65 to + 150|-65 to + 150|-65 to + 150|-65 to + 150|-65 to + 150|0C|

    ## Notes

    · For capacitive loads, derate current by 20%.
    · Test conditions for reverse recovery time: IF = 0.5A, IR = 1.0A, IRR = 0.25A
    · Junction capacitance measured at 1 MHz and applied reverse voltage of 4.0 volts

    # Fast Recovery Rectifier (FR201-FR207)

    ## General Characteristics

    · Voltage Range: 50 to 1000 Volts
    · Current: 2.0 Amperes
    · Features: Fast switching, low leakage, low forward voltage drop, high current capability, high current surge, high reliability
    · Case: Molded plastic, UL 94V-0 flame retardant
    · Lead: MIL-STD-202E, Method 70 guaranteed
    · Mounting Position: Any
    · Weight: 0.38 gram

    ## Electrical Characteristics

    SYMBOL FR201 FR202 FR203 FR204 FR205 FR206 FR207 UNITS
    Maximum Recurrent Peak Reverse Voltage (VRRM) 50 100 200 400 600 800 1000 Volts
    Maximum RMS Voltage (VRMS) 35 70 140 280 420 560 700 Volts
    Maximum DC Blocking Voltage (VDC) 50 100 200 400 600 800 1000 Volts
    Maximum Average Forward Rectified Current (IO) at TA = 75°C 2.0 2.0 2.0 2.0 2.0 2.0 2.0 Amps
    Peak Forward Surge Current (IFSM) 70 70 70 70 70 70 70 Amps
    Maximum Instantaneous Forward Voltage at 2.0A DC (VF) 1.3 1.3 1.3 1.3 1.3 1.3 1.3 Volts
    Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25°C (IR) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 uAmps
    Maximum Full Load Reverse Current (Full Cycle Average) 100 100 100 100 100 100 100 uAmps
    Maximum Reverse Recovery Time (trr) 150 150 150 150 250 500 500 nSec
    Typical Junction Capacitance (CJ) 40 40 40 40 40 40 40 pF
    Operating and Storage Temperature Range (TJ, TSTG) -65 to + 150 -65 to + 150 -65 to + 150 -65 to + 150 -65 to + 150 -65 to + 150 -65 to + 150 0C

    ## Notes

    · For capacitive loads, derate current by 20%.
    · Test conditions for reverse recovery time: IF = 0.5A, IR = 1.0A, IRR = 0.25A
    · Junction capacitance measured at 1 MHz and applied reverse voltage of 4.0 volts

    Part No.FR201
    ManufacturerDCCOM
    Size443 Kbytes
    Pages2 pages
    DescriptionTECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
    Privacy Policy
    ALLDATASHEET.COM
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Datasheet Upload   |  Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List