![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HDMR-19-02-S-SM Datasheet
Example questions:
1. What is the operating temperature range of the HDMR Series connectors?
2. What is the contact material used in the HDMR Series connectors?
3. How many minimum cycles are the HDMR Series connectors rated for?
The HDMR Series is a high-speed I/O receptacle that comes in 19 or 29 positions and can be surface mounted or through-hole.
It is hot pluggable and meets Digital Display Working Group Single Monitor Interface Specifications.
The receptacle has optional panel flange and ground tails that are selectively plated.
It has an operating temperature range of -25°C to +85°C and is lead-free solderable and RoHS compliant.
The receptacle mates with HPDPI and has various options for tail, lead style, and other solutions.
The HDMR Series also has an Edge Mount plug called HDMP that mates with the receptacles.
For complete specifications and recommended PCB layouts, visit www.samtec.com.
Part No. | HDMR-19-02-S-SM |
Manufacturer | SAMTEC |
Size | 334 Kbytes |
Pages | 1 page |
Description | HIGH SPEED I/O RECEPTACLES |