Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BX4002 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BX4002 Datasheet

  • # Example questions: ➢ What is the minimum gain in db across the operating temperature range of -55 ºc to +85 ºc?
    ➢ What is the maximum allowable dc voltage for this rf amplifier?
    ➢ What is the typical magnitude of s11 at a frequency of 300 mhz?

  • Part No.BX4002
    ManufacturerAPITECH
    Size41 Kbytes
    Pages1 page
    DescriptionRF AMPLIFIER MODEL
    Datasheet Summary with AI

    # RF AMPLIFIER MODEL TM4002

    ## Features

    · High Gain: 20 dB Typical
    · Output Power: +19.5 dBm Typical
    · Operating Temperature: -55 ºC to +85 ºC
    · Environmental Screening Available

    ## Specifications

    Characteristic Typical (Ta=25 ºC) Min/Max (Ta= -55 ºC to +85 ºC)
    Frequency 10 - 500 MHz 10 - 500 MHz
    Gain +20 dB +19 dB Min
    Power @ 1 dB Compression +19.5 dBm +18.5 dBm Min
    Reverse Isolation -23 dB -22 dB Max
    Input VSWR 1.4:1 1.75:1 Max
    Output VSWR 1.3:1 1.75:1 Max
    Noise Figure 4.0 dB 5.0 dB Max
    DC Voltage +15 V +15 V
    Current 80 mA 85 mA Max

    Note: Ground the case of each unit.

    ## Available Models

    · TM4002, 4 Pin TO-8 (T4)
    · TN4002, 4 Pin Surface Mount (SM3)
    · BX4002, Connectorized Housing (H1)

    ## Typical Performance

    · Second Order Harmonic Intercept Point: +51 dBm (Typ.)
    · Second Order Two Tone Intercept Point: +45 dBm (Typ.)
    · Third Order Two Tone Intercept Point: +35 dBm (Typ.)

    ## Maximum Ratings

    · Ambient Operating Temperature: -55°C to +100°C
    · Storage Temperature: -62°C to +125°C
    · Case Temperature: +125°C
    · DC Voltage: +16 Volts
    · Continuous RF Input Power: +10 dBm
    · Short Term RF Input Power: 200 Milliwatts (1 Minute Max.)
    · Maximum Peak Power: 0.5 Watt (3 µsec Max.)

    # RF AMPLIFIER MODEL TM4002

    ## Features

    · High Gain: 20 dB Typical
    · Output Power: +19.5 dBm Typical
    · Operating Temperature: -55 ºC to +85 ºC
    · Environmental Screening Available

    ## Specifications

    Characteristic Typical (Ta=25 ºC) Min/Max (Ta= -55 ºC to +85 ºC)
    Frequency 10 - 500 MHz 10 - 500 MHz
    Gain +20 dB +19 dB Min
    Power @ 1 dB Compression +19.5 dBm +18.5 dBm Min
    Reverse Isolation -23 dB -22 dB Max
    Input VSWR 1.4:1 1.75:1 Max
    Output VSWR 1.3:1 1.75:1 Max
    Noise Figure 4.0 dB 5.0 dB Max
    DC Voltage +15 V +15 V
    Current 80 mA 85 mA Max

    Note: Ground the case of each unit.

    ## Available Models

    · TM4002, 4 Pin TO-8 (T4)
    · TN4002, 4 Pin Surface Mount (SM3)
    · BX4002, Connectorized Housing (H1)

    ## Typical Performance

    · Second Order Harmonic Intercept Point: +51 dBm (Typ.)
    · Second Order Two Tone Intercept Point: +45 dBm (Typ.)
    · Third Order Two Tone Intercept Point: +35 dBm (Typ.)

    ## Maximum Ratings

    · Ambient Operating Temperature: -55°C to +100°C
    · Storage Temperature: -62°C to +125°C
    · Case Temperature: +125°C
    · DC Voltage: +16 Volts
    · Continuous RF Input Power: +10 dBm
    · Short Term RF Input Power: 200 Milliwatts (1 Minute Max.)
    · Maximum Peak Power: 0.5 Watt (3 µsec Max.)

    Part No.BX4002
    ManufacturerAPITECH
    Size41 Kbytes
    Pages1 page
    DescriptionRF AMPLIFIER MODEL