| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BX4002PM Datasheet
# Example questions:
➢ What is the maximum allowable dc voltage for the tm4002pm model?
➢ What are the available packaging options for the tm4002pm model?
➢ What is the typical gain of the tm4002pm at a temperature of 25°c?
# RF AMPLIFIER: MODEL TM4002PM
## Features
· High Gain: 20 dB (Typical)
· Output Power: +19.5 dBm (Typical)
· Low 15 Volt Supply
· Operating Temperature: -55°C to +85°C
## Specifications
· Frequency: 10 - 500 MHz
· Gain: +20 dB (Typical), +19 dB (Minimum)
· Output Power at 1 dB Compression: +19.5 dBm (Typical), +18.5 dBm (Minimum)
· Reverse Isolation: -23 dB (Typical), -22 dB (Maximum)
· VSWR (Input/Output): 1.4:1 / 1.3:1 (Typical), 1.75:1 (Maximum)
· Noise Figure: 4.0 dB (Typical), 5.0 dB (Maximum)
· Power Supply: +15 Vdc, 80 mA (Typical), +15 Vdc, 85 mA (Maximum)
## Available Models
· TM4002PM (TO-8)
· TN4002PM (Surface Mount)
· BX4002PM (Connectorized Housing)
## Absolute Maximum Ratings
· Ambient Operating Temperature: -55°C to +100°C
· Storage Temperature: -62°C to +125°C
· Case Temperature: +125°C
· DC Voltage: +18 Volts
· Continuous RF Input Power: +10 dBm
· Short-Term RF Input Power: 200 Milliwatts (1 Minute Max.)
· Maximum Peak Power: 0.5 Watt (3 µsec Max.)
## Typical Performance Data
· Second Order Harmonic Intercept Point: +51 dBm (Typical)
· Second Order Two-Tone Intercept Point: +45 dBm (Typical)
· Third Order Two-Tone Intercept Point: +35 dBm (Typical)
· Residual Phase Noise (at 320 MHz, +19 dBm, 25°C):
- 100 Hz: 152 dBc/Hz (Typical), 150 dBc/Hz (Guaranteed)
- 1 kHz: 162 dBc/Hz (Typical), 160 dBc/Hz (Guaranteed)
- 10 kHz: 170 dBc/Hz (Typical), 165 dBc/Hz (Guaranteed)
- 100 kHz: 170 dBc/Hz (Typical), 165 dBc/Hz (Guaranteed)
- 1 MHz: 170 dBc/Hz (Typical), 165 dBc/Hz (Guaranteed)
Note: Phase noise typically tested at midband; bandedge performance may vary. Grounding of the case is essential.
# RF AMPLIFIER: MODEL TM4002PM
## Features
· High Gain: 20 dB (Typical)
· Output Power: +19.5 dBm (Typical)
· Low 15 Volt Supply
· Operating Temperature: -55°C to +85°C
## Specifications
· Frequency: 10 - 500 MHz
· Gain: +20 dB (Typical), +19 dB (Minimum)
· Output Power at 1 dB Compression: +19.5 dBm (Typical), +18.5 dBm (Minimum)
· Reverse Isolation: -23 dB (Typical), -22 dB (Maximum)
· VSWR (Input/Output): 1.4:1 / 1.3:1 (Typical), 1.75:1 (Maximum)
· Noise Figure: 4.0 dB (Typical), 5.0 dB (Maximum)
· Power Supply: +15 Vdc, 80 mA (Typical), +15 Vdc, 85 mA (Maximum)
## Available Models
· TM4002PM (TO-8)
· TN4002PM (Surface Mount)
· BX4002PM (Connectorized Housing)
## Absolute Maximum Ratings
· Ambient Operating Temperature: -55°C to +100°C
· Storage Temperature: -62°C to +125°C
· Case Temperature: +125°C
· DC Voltage: +18 Volts
· Continuous RF Input Power: +10 dBm
· Short-Term RF Input Power: 200 Milliwatts (1 Minute Max.)
· Maximum Peak Power: 0.5 Watt (3 µsec Max.)
## Typical Performance Data
· Second Order Harmonic Intercept Point: +51 dBm (Typical)
· Second Order Two-Tone Intercept Point: +45 dBm (Typical)
· Third Order Two-Tone Intercept Point: +35 dBm (Typical)
· Residual Phase Noise (at 320 MHz, +19 dBm, 25°C):
- 100 Hz: 152 dBc/Hz (Typical), 150 dBc/Hz (Guaranteed)
- 1 kHz: 162 dBc/Hz (Typical), 160 dBc/Hz (Guaranteed)
- 10 kHz: 170 dBc/Hz (Typical), 165 dBc/Hz (Guaranteed)
- 100 kHz: 170 dBc/Hz (Typical), 165 dBc/Hz (Guaranteed)
- 1 MHz: 170 dBc/Hz (Typical), 165 dBc/Hz (Guaranteed)
Note: Phase noise typically tested at midband; bandedge performance may vary. Grounding of the case is essential.
| Part No. | BX4002PM |
| Manufacturer | APITECH |
| Size | 222 Kbytes |
| Pages | 1 page |
| Description | RF AMPLIFIER MODEL |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |