| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BX4003PM Datasheet
# Example questions:
➢ What is the maximum allowable dc voltage for the tm4003pm model?
➢ What are the available mounting options for the tm4003pm model?
➢ What is the typical gain of the tm4003pm amplifier at a temperature of 25°c?
# RF AMPLIFIER - MODEL TM4003PM
## Features
· High Gain: 20 dB Typical
· Output Power: +19.5 dBm Typical
· Operating Temperature: -55°C to +85°C
· Low Voltage Supply: +7 Volts
## Specifications
· Frequency Range: 10 - 500 MHz
· Gain: +20 dB (Typical), +19 dB (Minimum)
· Power @ 1 dB Compression: +19.5 dBm (Typical), +18.5 dBm (Minimum)
· Reverse Isolation: -23 dB (Typical), -22 dB (Maximum)
· VSWR (Input/Output): 1.4:1 / 1.3:1 (Typical), 1.75:1 (Maximum)
· Noise Figure: 4.0 dB (Typical), 5.0 dB (Maximum)
· Power Supply: +7 Vdc, 80 mA (Typical), 85 mA (Maximum)
## Available Options
· TM4003PM (4 Pin TO-8)
· TN4003PM (4 Pin Surface Mount)
· BX4003PM (Connectorized Housing)
## Absolute Maximum Ratings
· Ambient Operating Temperature: -55°C to +100°C
· Storage Temperature: -62°C to +125°C
· Case Temperature: +125°C
· DC Voltage: +8 Volts
· Continuous RF Input Power: +10 dBm
· Short Term RF Input Power: 200 Milliwatts (1 Minute Max.)
· Maximum Peak Power: 0.5 Watt (3 µsec Max.)
## Typical Performance Data
· Second Order Harmonic Intercept: +51 dBm (Typical)
· Second Order Two Tone Intercept: +45 dBm (Typical)
· Third Order Two Tone Intercept: +35 dBm (Typical)
## Phase Noise (Guaranteed @ 25°C, 320 MHz)
| Frequency | Typical | Guarantee (min.) |
|---|---|---|
| 100 Hz | 152 | 150 |
| 1 kHz | 162 | 160 |
| 10 kHz | 170 | 165 |
| 100 kHz | 170 | 165 |
| 1 MHz | 170 | 165 |
# RF AMPLIFIER - MODEL TM4003PM
## Features
· High Gain: 20 dB Typical
· Output Power: +19.5 dBm Typical
· Operating Temperature: -55°C to +85°C
· Low Voltage Supply: +7 Volts
## Specifications
· Frequency Range: 10 - 500 MHz
· Gain: +20 dB (Typical), +19 dB (Minimum)
· Power @ 1 dB Compression: +19.5 dBm (Typical), +18.5 dBm (Minimum)
· Reverse Isolation: -23 dB (Typical), -22 dB (Maximum)
· VSWR (Input/Output): 1.4:1 / 1.3:1 (Typical), 1.75:1 (Maximum)
· Noise Figure: 4.0 dB (Typical), 5.0 dB (Maximum)
· Power Supply: +7 Vdc, 80 mA (Typical), 85 mA (Maximum)
## Available Options
· TM4003PM (4 Pin TO-8)
· TN4003PM (4 Pin Surface Mount)
· BX4003PM (Connectorized Housing)
## Absolute Maximum Ratings
· Ambient Operating Temperature: -55°C to +100°C
· Storage Temperature: -62°C to +125°C
· Case Temperature: +125°C
· DC Voltage: +8 Volts
· Continuous RF Input Power: +10 dBm
· Short Term RF Input Power: 200 Milliwatts (1 Minute Max.)
· Maximum Peak Power: 0.5 Watt (3 µsec Max.)
## Typical Performance Data
· Second Order Harmonic Intercept: +51 dBm (Typical)
· Second Order Two Tone Intercept: +45 dBm (Typical)
· Third Order Two Tone Intercept: +35 dBm (Typical)
## Phase Noise (Guaranteed @ 25°C, 320 MHz)
| Frequency | Typical | Guarantee (min.) |
|---|---|---|
| 100 Hz | 152 | 150 |
| 1 kHz | 162 | 160 |
| 10 kHz | 170 | 165 |
| 100 kHz | 170 | 165 |
| 1 MHz | 170 | 165 |
| Part No. | BX4003PM |
| Manufacturer | APITECH |
| Size | 222 Kbytes |
| Pages | 1 page |
| Description | RF AMPLIFIER MODEL |