| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CDR32BX621BFURAJ Datasheet
# Example questions:
➢ What capacitance tolerance options are available for the cdr31bp series?
➢ Identify three different capacitor series that support a dc voltage rating of 100v.
➢ What are the typical voltage ratings for capacitors in the cdr04bp series?
# CDR-MIL-PRF-55681 Multilayer Ceramic Chip Capacitors
## Features
· Military qualified
· High reliability (tested per MIL-PRF-55681)
· Available with Tin/Lead (“Z”, “U”) & Lead (Pb)-free (“W”, “Y”, “M”) terminations
· Wet build process
· Noble Metal Electrode (NME) system
· RoHS compliant & Halogen-free options
## Applications
· Avionic systems
· Sonar systems
· Satellite systems
· Missile applications
· GIS & GPS
## Electrical Specifications
· Operating Temperature: -55 °C to +125 °C
· Capacitance Range: 1.0 pF to 470 nF
· Voltage Range: 50 VDC to 100 VDC
· Temperature Coefficient of Capacitance (TCC):
- BP: 0 ppm/°C ± 30 ppm/°C
- BX: ±15% or +15%, -25%
· Dissipation Factor (DF):
- BP: 0.15% max
- BX: 2.50% max
· Aging Rate: BP: 0% max/decade, BX: 1% max/decade
· Insulation Resistance (IR): 100,000 MΩ min or 1000 ΩF (whichever is less)
## Quick Reference Data (Example Capacitance & Voltage)
| Style | Max Voltage (V) | Min Capacitance | Max Capacitance |
|---|---|---|---|
| CDR01 | 100 | 10 pF | 180 pF |
| CDR02 | 100 | 220 pF | 270 pF |
| CDR03 | 100 | 330 pF | 1.0 nF |
| CDR04 | 100 | 1.2 nF | 3.3 nF |
| CDR06 | 50 | 390 nF | 470 nF |
# CDR-MIL-PRF-55681 Multilayer Ceramic Chip Capacitors
## Features
· Military qualified
· High reliability (tested per MIL-PRF-55681)
· Available with Tin/Lead (“Z”, “U”) & Lead (Pb)-free (“W”, “Y”, “M”) terminations
· Wet build process
· Noble Metal Electrode (NME) system
· RoHS compliant & Halogen-free options
## Applications
· Avionic systems
· Sonar systems
· Satellite systems
· Missile applications
· GIS & GPS
## Electrical Specifications
· Operating Temperature: -55 °C to +125 °C
· Capacitance Range: 1.0 pF to 470 nF
· Voltage Range: 50 VDC to 100 VDC
· Temperature Coefficient of Capacitance (TCC):
- BP: 0 ppm/°C ± 30 ppm/°C
- BX: ±15% or +15%, -25%
· Dissipation Factor (DF):
- BP: 0.15% max
- BX: 2.50% max
· Aging Rate: BP: 0% max/decade, BX: 1% max/decade
· Insulation Resistance (IR): 100,000 MΩ min or 1000 ΩF (whichever is less)
## Quick Reference Data (Example Capacitance & Voltage)
| Style | Max Voltage (V) | Min Capacitance | Max Capacitance |
|---|---|---|---|
| CDR01 | 100 | 10 pF | 180 pF |
| CDR02 | 100 | 220 pF | 270 pF |
| CDR03 | 100 | 330 pF | 1.0 nF |
| CDR04 | 100 | 1.2 nF | 3.3 nF |
| CDR06 | 50 | 390 nF | 470 nF |
| Part No. | CDR32BX621BFURAJ |
| Manufacturer | VISHAY |
| Size | 114 Kbytes |
| Pages | 12 pages |
| Description | Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |