Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR03BP621BFURAJ Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CDR03BP621BFURAJ Datasheet

  • # Example questions: ➢ What capacitance tolerance options are available for the cdr31bp series?
    ➢ Identify three different capacitor series that support a dc voltage rating of 100v.
    ➢ What are the typical voltage ratings for capacitors in the cdr04bp series?

  • Part No.CDR03BP621BFURAJ
    ManufacturerVISHAY
    Size114 Kbytes
    Pages12 pages
    DescriptionSurface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
    Datasheet Summary with AI

    # CDR-MIL-PRF-55681 Multilayer Ceramic Chip Capacitors

    ## Features
    · Military qualified
    · High reliability (tested per MIL-PRF-55681)
    · Available with Tin/Lead (“Z”, “U”) & Lead (Pb)-free (“W”, “Y”, “M”) terminations
    · Wet build process
    · Noble Metal Electrode (NME) system
    · RoHS compliant & Halogen-free options

    ## Applications
    · Avionic systems
    · Sonar systems
    · Satellite systems
    · Missile applications
    · GIS & GPS

    ## Electrical Specifications
    · Operating Temperature: -55 °C to +125 °C
    · Capacitance Range: 1.0 pF to 470 nF
    · Voltage Range: 50 VDC to 100 VDC
    · Temperature Coefficient of Capacitance (TCC):
    - BP: 0 ppm/°C ± 30 ppm/°C
    - BX: ±15% or +15%, -25%
    · Dissipation Factor (DF):
    - BP: 0.15% max
    - BX: 2.50% max
    · Aging Rate: BP: 0% max/decade, BX: 1% max/decade
    · Insulation Resistance (IR): 100,000 MΩ min or 1000 ΩF (whichever is less)

    ## Quick Reference Data (Example Capacitance & Voltage)

    Style Max Voltage (V) Min Capacitance Max Capacitance
    CDR01 100 10 pF 180 pF
    CDR02 100 220 pF 270 pF
    CDR03 100 330 pF 1.0 nF
    CDR04 100 1.2 nF 3.3 nF
    CDR06 50 390 nF 470 nF

    ## Dimensions
    · Dimensions vary by style (CDR01 - CDR06 & CDR31- CDR36) - see datasheet for detailed dimensions.

    ## Ordering Information
    · Determined by style, dielectric, capacitance, voltage rating, tolerance, termination, and failure rate.

    ## Notes
    · DC voltage rating should not be exceeded.
    · "U" terminations have increased dimensions.
    · Pb containing terminations may not be RoHS compliant.

    # CDR-MIL-PRF-55681 Multilayer Ceramic Chip Capacitors

    ## Features
    · Military qualified
    · High reliability (tested per MIL-PRF-55681)
    · Available with Tin/Lead (“Z”, “U”) & Lead (Pb)-free (“W”, “Y”, “M”) terminations
    · Wet build process
    · Noble Metal Electrode (NME) system
    · RoHS compliant & Halogen-free options

    ## Applications
    · Avionic systems
    · Sonar systems
    · Satellite systems
    · Missile applications
    · GIS & GPS

    ## Electrical Specifications
    · Operating Temperature: -55 °C to +125 °C
    · Capacitance Range: 1.0 pF to 470 nF
    · Voltage Range: 50 VDC to 100 VDC
    · Temperature Coefficient of Capacitance (TCC):
    - BP: 0 ppm/°C ± 30 ppm/°C
    - BX: ±15% or +15%, -25%
    · Dissipation Factor (DF):
    - BP: 0.15% max
    - BX: 2.50% max
    · Aging Rate: BP: 0% max/decade, BX: 1% max/decade
    · Insulation Resistance (IR): 100,000 MΩ min or 1000 ΩF (whichever is less)

    ## Quick Reference Data (Example Capacitance & Voltage)

    Style Max Voltage (V) Min Capacitance Max Capacitance
    CDR01 100 10 pF 180 pF
    CDR02 100 220 pF 270 pF
    CDR03 100 330 pF 1.0 nF
    CDR04 100 1.2 nF 3.3 nF
    CDR06 50 390 nF 470 nF

    ## Dimensions
    · Dimensions vary by style (CDR01 - CDR06 & CDR31- CDR36) - see datasheet for detailed dimensions.

    ## Ordering Information
    · Determined by style, dielectric, capacitance, voltage rating, tolerance, termination, and failure rate.

    ## Notes
    · DC voltage rating should not be exceeded.
    · "U" terminations have increased dimensions.
    · Pb containing terminations may not be RoHS compliant.

    Part No.CDR03BP621BFURAJ
    ManufacturerVISHAY
    Size114 Kbytes
    Pages12 pages
    DescriptionSurface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Datasheet Upload   |  Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List