Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Datasheet with Chat AI
Datasheet Details
Part No.CDR34BX102BFURAJ
MfrVISHAY
Size114 Kbytes
Pages12 pages
DescriptionSurface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Datasheet SummaryAI
# CDR-MIL-PRF-55681 Multilayer Ceramic Chip Capacitors

## Features
· Military qualified
· High reliability (tested per MIL-PRF-55681)
· Available with Tin/Lead (“Z”, “U”) & Lead (Pb)-free (“W”, “Y”, “M”) terminations
· Wet build process
· Noble Metal Electrode (NME) system
· RoHS compliant & Halogen-free options

## Applications
· Avionic systems
· Sonar systems
· Satellite systems
· Missile applications
· GIS & GPS

## Electrical Specifications
· Operating Temperature: -55 °C to +125 °C
· Capacitance Range: 1.0 pF to 470 nF
· Voltage Range: 50 VDC to 100 VDC
· Temperature Coefficient of Capacitance (TCC):
- BP: 0 ppm/°C ± 30 ppm/°C
- BX: ±15% or +15%, -25%
· Dissipation Factor (DF):
- BP: 0.15% max
- BX: 2.50% max
· Aging Rate: BP: 0% max/decade, BX: 1% max/decade
· Insulation Resistance (IR): 100,000 MΩ min or 1000 ΩF (whichever is less)

## Quick Reference Data (Example Capacitance & Voltage)

Style Max Voltage (V) Min Capacitance Max Capacitance
CDR01 100 10 pF 180 pF
CDR02 100 220 pF 270 pF
CDR03 100 330 pF 1.0 nF
CDR04 100 1.2 nF 3.3 nF
CDR06 50 390 nF 470 nF

## Dimensions
· Dimensions vary by style (CDR01 - CDR06 & CDR31- CDR36) - see datasheet for detailed dimensions.

## Ordering Information
· Determined by style, dielectric, capacitance, voltage rating, tolerance, termination, and failure rate.

## Notes
· DC voltage rating should not be exceeded.
· "U" terminations have increased dimensions.
· Pb containing terminations may not be RoHS compliant.
CDR34BX102BFURAJ Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about CDR34BX102BFURAJ Datasheet.
    Example questions: ➤ What capacitance tolerance options are available for the cdr31bp series?➤ Identify three different capacitor series that support a dc voltage rating of 100v.➤ What are the typical voltage ratings for capacitors in the cdr04bp series?
  • Datasheet Details
    Part No.CDR34BX102BFURAJ
    ManufacturerVISHAY
    Size114 Kbytes
    Pages12 pages
    DescriptionSurface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
    Datasheet Summary AI Expand summary
    # CDR-MIL-PRF-55681 Multilayer Ceramic Chip Capacitors

    ## Features
    · Military qualified
    · High reliability (tested per MIL-PRF-55681)
    · Available with Tin/Lead (“Z”, “U”) & Lead (Pb)-free (“W”, “Y”, “M”) terminations
    · Wet build process
    · Noble Metal Electrode (NME) system
    · RoHS compliant & Halogen-free options

    ## Applications
    · Avionic systems
    · Sonar systems
    · Satellite systems
    · Missile applications
    · GIS & GPS

    ## Electrical Specifications
    · Operating Temperature: -55 °C to +125 °C
    · Capacitance Range: 1.0 pF to 470 nF
    · Voltage Range: 50 VDC to 100 VDC
    · Temperature Coefficient of Capacitance (TCC):
    - BP: 0 ppm/°C ± 30 ppm/°C
    - BX: ±15% or +15%, -25%
    · Dissipation Factor (DF):
    - BP: 0.15% max
    - BX: 2.50% max
    · Aging Rate: BP: 0% max/decade, BX: 1% max/decade
    · Insulation Resistance (IR): 100,000 MΩ min or 1000 ΩF (whichever is less)

    ## Quick Reference Data (Example Capacitance & Voltage)

    Style Max Voltage (V) Min Capacitance Max Capacitance
    CDR01 100 10 pF 180 pF
    CDR02 100 220 pF 270 pF
    CDR03 100 330 pF 1.0 nF
    CDR04 100 1.2 nF 3.3 nF
    CDR06 50 390 nF 470 nF

    ## Dimensions
    · Dimensions vary by style (CDR01 - CDR06 & CDR31- CDR36) - see datasheet for detailed dimensions.

    ## Ordering Information
    · Determined by style, dielectric, capacitance, voltage rating, tolerance, termination, and failure rate.

    ## Notes
    · DC voltage rating should not be exceeded.
    · "U" terminations have increased dimensions.
    · Pb containing terminations may not be RoHS compliant.