Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1840310104M Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MKP1840310104M Datasheet

  • Example questions: 1. What are some of the applications of the 147AC and Pulse Metallized Polypropylene Film Capacitors mentioned in the document?
    2. What are the rated DC voltages available for the MKP Radial Potted TypeMKP 1840 M capacitors?
    3. What is the maximum application temperature for the capacitors mentioned in the document?

  • Part No.MKP1840310104M
    ManufacturerVISHAY
    Size133 Kbytes
    Pages13 pages
    DescriptionAC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
    Datasheet Summary with AI

    The document provides technical specifications for Vishay Roederstein MKP 1840 M metallized polypropylene film capacitors.
    These capacitors are suitable for high frequency and pulse operations, as well as various electronic applications such as TV deflection circuits, SMPS, loudspeaker crossover networks, and electronic ballasts.
    The capacitors have a rated DC voltage range of 250V to 1000V and a rated AC voltage range of 160V to 500V.
    They have a capacitance range of 1000pF to 6.8µF with capacitance tolerance of ± 5%, ± 2%, or ± 2.5%.
    The capacitors are encapsulated in a plastic case with epoxy resin and are flame retardant.
    They are RoHS compliant and have a maximum application temperature of 100°C.
    The document also includes detailed specifications for different capacitance and voltage codes, as well as dimensions and lead pitches for different capacitor values.
    For more detailed data and test requirements, the document advises contacting dc-film@vishay.com.

    Datasheet Summary with AI

    The document provides technical specifications for Vishay Roederstein MKP 1840 M metallized polypropylene film capacitors.
    These capacitors are suitable for high frequency and pulse operations, as well as various electronic applications such as TV deflection circuits, SMPS, loudspeaker crossover networks, and electronic ballasts.
    The capacitors have a rated DC voltage range of 250V to 1000V and a rated AC voltage range of 160V to 500V.
    They have a capacitance range of 1000pF to 6.8µF with capacitance tolerance of ± 5%, ± 2%, or ± 2.5%.
    The capacitors are encapsulated in a plastic case with epoxy resin and are flame retardant.
    They are RoHS compliant and have a maximum application temperature of 100°C.
    The document also includes detailed specifications for different capacitance and voltage codes, as well as dimensions and lead pitches for different capacitor values.
    For more detailed data and test requirements, the document advises contacting dc-film@vishay.com.

    Part No.MKP1840310104M
    ManufacturerVISHAY
    Size133 Kbytes
    Pages13 pages
    DescriptionAC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type