Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9432BSQZ-80 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD9432BSQZ-80 Datasheet

  • Example questions: 1. What is the typical power dissipation of the AD9432 A/D Converter at 105 MSPS?
    2. What is the analog bandwidth of the AD9432 A/D Converter?
    3. What is the operating temperature range specified for the AD9432 A/D Converter?

  • Part No.AD9432BSQZ-80
    ManufacturerAD
    Size504 Kbytes
    Pages20 pages
    Description12-Bit, 80 MSPS/105 MSPS A/D Converter
    Datasheet Summary with AI

    The document provides information about the AD9432, a 12-bit monolithic sampling analog-to-digital converter with on-chip reference and track/hold circuit.
    It operates at a 105 MSPS conversion rate and requires only a single 5.0 V power supply and a 105 MHz encode clock for full-performance operation.
    The digital outputs are TTL/CMOS compatible, and it is available in a 52-lead plastic quad flatpack package specified over the industrial temperature range (-40 °C to +85 °C).
    The document also includes detailed specifications, absolute maximum ratings, thermal characteristics, ordering guide, and explanation of test levels.

    Datasheet Summary with AI

    The document provides information about the AD9432, a 12-bit monolithic sampling analog-to-digital converter with on-chip reference and track/hold circuit.
    It operates at a 105 MSPS conversion rate and requires only a single 5.0 V power supply and a 105 MHz encode clock for full-performance operation.
    The digital outputs are TTL/CMOS compatible, and it is available in a 52-lead plastic quad flatpack package specified over the industrial temperature range (-40 °C to +85 °C).
    The document also includes detailed specifications, absolute maximum ratings, thermal characteristics, ordering guide, and explanation of test levels.

    Part No.AD9432BSQZ-80
    ManufacturerAD
    Size504 Kbytes
    Pages20 pages
    Description12-Bit, 80 MSPS/105 MSPS A/D Converter