Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1640T-IMC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MCP1640T-IMC Datasheet

  • Example questions: 1. What is the typical efficiency of the MCP1640/B/C/D DC-DC converter mentioned in the document?
    2. What is the low start-up voltage for the MCP1640/B/C/D converter at 3.3V VOUT @ 1 mA?
    3. What are some of the applications mentioned for the MCP1640/B/C/D converter in the document?

  • Part No.MCP1640T-IMC
    ManufacturerMICROCHIP
    Size474 Kbytes
    Pages32 pages
    Description0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
    Datasheet Summary with AI

    The MCP1640/B/C/D is a high-efficiency, fixed frequency, synchronous step-up DC-DC converter with features such as up to 96% typical efficiency, low start-up voltage, adjustable output voltage range, automatic PFM/PWM operation, low device quiescent current, inrush current limiting, and overtemperature protection.
    It is designed for applications powered by one-cell, two-cell, or three-cell alkaline, NiCd, NiMH, one-cell Li-Ion, or Li-Polymer batteries.
    The device offers options for true load disconnect or input/output bypass while shut down, and consumes less than 1 µA of input current in these states.
    It is available in 6-lead SOT23 and 2x3 DFN packages.
    The electrical characteristics and typical performance curves are also provided in the document.

    Datasheet Summary with AI

    The MCP1640/B/C/D is a high-efficiency, fixed frequency, synchronous step-up DC-DC converter with features such as up to 96% typical efficiency, low start-up voltage, adjustable output voltage range, automatic PFM/PWM operation, low device quiescent current, inrush current limiting, and overtemperature protection.
    It is designed for applications powered by one-cell, two-cell, or three-cell alkaline, NiCd, NiMH, one-cell Li-Ion, or Li-Polymer batteries.
    The device offers options for true load disconnect or input/output bypass while shut down, and consumes less than 1 µA of input current in these states.
    It is available in 6-lead SOT23 and 2x3 DFN packages.
    The electrical characteristics and typical performance curves are also provided in the document.

    Part No.MCP1640T-IMC
    ManufacturerMICROCHIP
    Size474 Kbytes
    Pages32 pages
    Description0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option