![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD586ARZ-REEL71 Datasheet
Example questions:
1. What is the trimmed temperature coefficient of the AD586 in the M grade specification?
2. What is the noise reduction capability of the AD586?
3. For what type of applications is the AD586 recommended as a reference?
The AD586 is a high precision 5V reference voltage device manufactured by Analog Devices.
It is laser trimmed to high accuracy and offers low noise and drift compared to other 5V references.
The device is recommended for use as a reference for DACs and ADCs, and is available in various temperature ranges and package options.
It also features a noise reduction pin for additional noise filtering.
The device is compliant with MIL-STD-883 and is available in different grades.
The specifications and pin configurations are provided in detail in the document.
The document also includes information on the revision history, absolute maximum ratings, ESD caution, and pin function descriptions.
Part No. | AD586ARZ-REEL71 |
Manufacturer | AD |
Size | 479 Kbytes |
Pages | 16 pages |
Description | High Precision 5 V Reference |