Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD586LR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD586LR Datasheet

  • Example questions: 1. What is the trimmed temperature coefficient of the AD586 in the M grade specification?
    2. What is the noise reduction capability of the AD586?
    3. For what type of applications is the AD586 recommended as a reference?

  • Part No.AD586LR
    ManufacturerAD
    Size479 Kbytes
    Pages16 pages
    DescriptionHigh Precision 5 V Reference
    Datasheet Summary with AI

    # AD586 High Precision 5V Reference

    ## Features

    * Laser trimmed for high accuracy (±2.0 mV for M grade)
    * Trimmed temperature coefficient (2 ppm/°C max for M grade, 5 ppm/°C max for B/L grades, 10 ppm/°C max for T grade)
    * Low noise (100 nV/√Hz)
    * Output trim capability
    * MIL-STD-883 compliant versions available
    * Industrial temperature range SOICs available
    * Output sources/sinks 10 mA

    ## General Description

    * Monolithic voltage reference using ion-implanted Zener diode and laser trimming.
    * Offers higher performance than standard 5V references.
    * Provides lower noise and drift than band gap references.
    * Noise reduction pin available.
    * Suitable for 8-, 10-, 12-, 14-, or 16-bit DACs and ADCs.
    * Operating temperature ranges:
    * 0°C to 70°C (J, K, L, M)
    * -40°C to +85°C (A, B)
    * -55°C to +125°C (S, T)
    * Available packages: PDIP, SOIC, CERDIP.

    ## Specifications

    * **Output Voltage:**
    * AD586J/K/A/L/B: 4.980V - 5.020V (typical 5.000V)
    * AD586M/S/T: 4.990V - 5.010V (typical 5.000V)
    * **Output Voltage Drift:**
    * Varies based on temperature range and grade.
    * **Gain Adjustment:** +/- 6%
    * **Line Regulation:** ±100 µV/V (J, K, A, L, B) / ±150 µV/V (M, S, T)
    * **Load Regulation:** 100 µV/mA (sourcing) / 400 µV/mA (sinking)
    * **Quiescent Current:** 2-3 mA
    * **Power Consumption:** 30 mW
    * **Output Noise:** 4 µV p-p (0.1 Hz to 10 Hz), 100 nV/√Hz (100 Hz)
    * **Long-Term Stability:** 15 ppm/1000 hr
    * **Short-Circuit Current-to-Ground:** 45-60 mA

    Datasheet Summary with AI

    # AD586 High Precision 5V Reference

    ## Features

    * Laser trimmed for high accuracy (±2.0 mV for M grade)
    * Trimmed temperature coefficient (2 ppm/°C max for M grade, 5 ppm/°C max for B/L grades, 10 ppm/°C max for T grade)
    * Low noise (100 nV/√Hz)
    * Output trim capability
    * MIL-STD-883 compliant versions available
    * Industrial temperature range SOICs available
    * Output sources/sinks 10 mA

    ## General Description

    * Monolithic voltage reference using ion-implanted Zener diode and laser trimming.
    * Offers higher performance than standard 5V references.
    * Provides lower noise and drift than band gap references.
    * Noise reduction pin available.
    * Suitable for 8-, 10-, 12-, 14-, or 16-bit DACs and ADCs.
    * Operating temperature ranges:
    * 0°C to 70°C (J, K, L, M)
    * -40°C to +85°C (A, B)
    * -55°C to +125°C (S, T)
    * Available packages: PDIP, SOIC, CERDIP.

    ## Specifications

    * **Output Voltage:**
    * AD586J/K/A/L/B: 4.980V - 5.020V (typical 5.000V)
    * AD586M/S/T: 4.990V - 5.010V (typical 5.000V)
    * **Output Voltage Drift:**
    * Varies based on temperature range and grade.
    * **Gain Adjustment:** +/- 6%
    * **Line Regulation:** ±100 µV/V (J, K, A, L, B) / ±150 µV/V (M, S, T)
    * **Load Regulation:** 100 µV/mA (sourcing) / 400 µV/mA (sinking)
    * **Quiescent Current:** 2-3 mA
    * **Power Consumption:** 30 mW
    * **Output Noise:** 4 µV p-p (0.1 Hz to 10 Hz), 100 nV/√Hz (100 Hz)
    * **Long-Term Stability:** 15 ppm/1000 hr
    * **Short-Circuit Current-to-Ground:** 45-60 mA

    Part No.AD586LR
    ManufacturerAD
    Size479 Kbytes
    Pages16 pages
    DescriptionHigh Precision 5 V Reference