Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD633 Datasheet
Example questions:
1. What is the total guaranteed accuracy of the AD633 analog multiplier?
2. What are the key features of the AD633 analog multiplier according to the datasheet?
3. In what temperature ranges is the AD633 analog multiplier specified to operate according to the datasheet?
The AD633 is a low-cost, four-quadrant analog multiplier that is suitable for a wide range of applications.
It features high impedance, differential X and Y inputs, and a high impedance summing input.
The device is laser calibrated to guarantee a total accuracy of 2% of full scale, with nonlinearity for the Y input typically less than 0.1% and noise referred to the output typically less than 100 μV rms in a 10 Hz to 10 kHz bandwidth.
The AD633 is available in 8-lead PDIP and SOIC packages and is specified to operate over the 0°C to 70°C commercial temperature range or the −40°C to +85°C industrial temperature range.
The device does not require any external components or expensive user calibration, making it cost-effective and easy to apply.
It is stable and reliable, with high input resistances and power supply voltages ranging from ±8 V to ±18 V.
The device also offers a range of design tools, models, and support resources for users.
Part No. | AD633 |
Manufacturer | AD |
Size | 903 Kbytes |
Pages | 21 pages |
Description | Low Cost Analog Multiplier |