![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD589JR Datasheet
Example questions:
1. What is the output voltage provided by the AD589 2-terminal voltage reference for input currents between 50 µA and 5.0 mA?
2. What are some key features of the AD589 1.2 V reference according to the provided information?
3. How many different grades or versions of the AD589 are available, and what are the temperature ranges they are specified for?
# AD589: 2-Terminal IC 1.2V Reference
## Features
- Superior replacement for other 1.2V references
- Wide operating range: 50µA to 5mA
- Low power: 60µW total PD at 50µA
- Low temperature coefficient: 10 ppm/°C max (AD589M)
- 2-terminal Zener operation
- Low output impedance: 0.6 Ω
- No frequency compensation required
- Low cost
- MIL-STD-883 compliant versions available
## Product Description
- 2-terminal, low-cost, temperature-compensated band gap voltage reference
- Provides fixed 1.23V output voltage for input currents between 50µA and 5mA
- Output impedance 10x lower than typical Zener diodes
## Product Highlights
- Delivers a constant reference voltage over a wide range of input current
- Stable output voltage due to low dynamic output impedance and temperature coefficients
- Can be operated as positive or negative reference
- Operates at a total current as low as 50µA
- Exact replacement for other 1.2V references, offering superior temperature performance.
## Packages & Models
- **Metal Can (H-02):** AD589J, AD589K, AD589L, AD589M, AD589S, AD589T.
- **SOIC (R-8):** AD589J, AD589JR (lead-free option: AD589JRZ)
- Chip form available (AD589JCHIPS, AD589TCHIPS)
## Specifications (Typical @ IIN = 500µA, TA = 25°C)
- Output Voltage: 1.200 - 1.250 V (varies by model)
- Output Voltage Change vs.
Current: 5mV (max)
- Dynamic Output Impedance: 0.6 Ω
- RMS Noise Voltage (10Hz < f < 10kHz): 5µV
- Temperature Coefficient: 10 - 100 ppm/°C (varies by model)
- Turn-on Settling Time: 25µs
- Operating Current: 50µA
- Operating Temperature: 0°C to 70°C (some models -55°C to +125°C)
## Absolute Maximum Ratings
- Current: 10mA
- Reverse Current: 10mA
- Power Dissipation: 125mW
- Storage Temperature: -65°C to +175°C
- Operating Junction Temperature Range: -55°C to +150°C
Part No. | AD589JR |
Manufacturer | AD |
Size | 275 Kbytes |
Pages | 8 pages |
Description | 2-Terminal IC 1.2 V Reference |