Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5300BRT-500RL7 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD5300BRT-500RL7 Datasheet

  • Example questions: 1. What is the operating voltage range of the AD5300 DAC mentioned in the document?
    2. How much current does the AD5300 DAC consume at 3 V?
    3. What are the available packages for the AD5300/AD5310/AD5320 DAC family mentioned in the document?

  • Part No.AD5300BRT-500RL7
    ManufacturerAD
    Size221 Kbytes
    Pages13 pages
    Description2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
    Datasheet Summary with AI

    The AD5300 is an 8-bit digital-to-analog converter (DAC) with a power supply range of 2.7 V to 5.5 V and a low power consumption of 140 μA at 5 V.
    It has a rail-to-rail output and operates from a single supply.
    The DAC uses a 3-wire serial interface and has a power-down feature that reduces current consumption to 200 nA at 5 V.
    It is suitable for portable battery-powered instruments and has a high-speed serial interface with clock speeds up to 30 MHz.
    The AD5300 is available in 6-lead SOT-23 and 8-lead MSOP packages and is qualified for automotive applications.
    It is part of a family of pin-compatible DACs and has a reference derived from the power supply, allowing for a wide dynamic output range.
    The DAC also features a power-on reset circuit and is guaranteed monotonic by design.

    Datasheet Summary with AI

    The AD5300 is an 8-bit digital-to-analog converter (DAC) with a power supply range of 2.7 V to 5.5 V and a low power consumption of 140 μA at 5 V.
    It has a rail-to-rail output and operates from a single supply.
    The DAC uses a 3-wire serial interface and has a power-down feature that reduces current consumption to 200 nA at 5 V.
    It is suitable for portable battery-powered instruments and has a high-speed serial interface with clock speeds up to 30 MHz.
    The AD5300 is available in 6-lead SOT-23 and 8-lead MSOP packages and is qualified for automotive applications.
    It is part of a family of pin-compatible DACs and has a reference derived from the power supply, allowing for a wide dynamic output range.
    The DAC also features a power-on reset circuit and is guaranteed monotonic by design.

    Part No.AD5300BRT-500RL7
    ManufacturerAD
    Size221 Kbytes
    Pages13 pages
    Description2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23