![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ADA4666-2 Datasheet
Example questions:
1. What is the maximum current consumption of the ADA4666-2 operational amplifier at 18 V?
2. What is the typical gain bandwidth product of the ADA4666-2?
3. Over what temperature range is the ADA4666-2 specified?
The ADA4666-2 is a CMOS RRIO operational amplifier with a low power consumption of 725 µA at 18 V and a gain bandwidth product of 4 MHz.
It is designed for use in applications such as current shunt monitors, active filters, portable medical equipment, buffer/level shifting, high impedance sensor interfaces, and battery powered instrumentation.
The amplifier is specified for single and dual supply operation and is available in 8-lead MSOP and 8-lead LFCSP packages.
The data sheet provides detailed information on the amplifier's specifications, electrical characteristics, dynamic performance, and applications.
It also includes pin connection diagrams, revision history, and ordering guide.
Part No. | ADA4666-2 |
Manufacturer | AD |
Size | 896 Kbytes |
Pages | 32 pages |
Description | 18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier |