![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ADR530BRT-REEL7 Datasheet
Example questions:
1. What is the temperature coefficient for the ADR525B voltage reference?
2. What is the purpose of the trim terminal on the ADR520/ADR525/ADR530/ADR540/ADR550 voltage references?
3. What is the minimum and maximum operating current range for the ADR520/ADR525/ADR530/ADR540/ADR550 voltage references?
# ADR520/ADR525/ADR530/ADR540/ADR550: High Precision Shunt Voltage References
## General Description
* Ultrasmall SC70 and SOT-23-3 packages
* Designed for space-critical applications
* Eliminates need for external capacitor
* Voltage output options: 2.048V, 2.5V, 3.0V, 4.096V
## Electrical Characteristics (Typical Values)
* **Initial Accuracy:** Grade A ±0.4%, Grade B ±0.2%
* **Temperature Coefficient (TCVO):** Grade A 25-70 ppm/°C, Grade B 15-40 ppm/°C
* **Dynamic Output Impedance:** ~0.2 Ω
* **Minimum Operating Current:** 50 μA
* **Voltage Noise:** 14-30 μV p-p (depending on voltage)
* **Turn-On Settling Time:** 2 μs
## Key Features
* Low voltage noise
* Fast turn-on settling time
* Guaranteed by design (not production tested)
Part No. | ADR530BRT-REEL7 |
Manufacturer | AD |
Size | 420 Kbytes |
Pages | 16 pages |
Description | High Precision Shunt Mode Voltage References |