Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP5589ACBZ-02-R7 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ADP5589ACBZ-02-R7 Datasheet

  • Example questions: 1. What is the purpose of the ADP5589 device described in the document?
    2. How many I/Os does the ADP5589 have for keypad decoding and I/O expansion?
    3. What is the function of the FIFO in the ADP5589 device?

  • Part No.ADP5589ACBZ-02-R7
    ManufacturerAD
    Size644 Kbytes
    Pages52 pages
    DescriptionKeypad Decoder and I/O Expansion
    Datasheet Summary with AI

    The ADP5589 is a keypad decoder and I/O expander with 19 configurable I/Os, a 16-element FIFO for event recording, and various other features such as key press/release interrupts, keypad lock/unlock, and GPIO functions.
    It also has dual programmable logic blocks, a PWM generator, and an I2C interface with fast-mode plus support.
    The device is designed to free up the main processor from monitoring the keypad, reducing power consumption and increasing processor bandwidth for other functions.
    The data sheet includes detailed specifications, a functional block diagram, and application diagrams.
    The device has an operating temperature range of -40°C to +85°C and comes in a 24-lead LFCSP or 25-ball WLCSP package.
    The document also includes information on revision history, absolute maximum ratings, thermal resistance, and ESD caution.

    Datasheet Summary with AI

    The ADP5589 is a keypad decoder and I/O expander with 19 configurable I/Os, a 16-element FIFO for event recording, and various other features such as key press/release interrupts, keypad lock/unlock, and GPIO functions.
    It also has dual programmable logic blocks, a PWM generator, and an I2C interface with fast-mode plus support.
    The device is designed to free up the main processor from monitoring the keypad, reducing power consumption and increasing processor bandwidth for other functions.
    The data sheet includes detailed specifications, a functional block diagram, and application diagrams.
    The device has an operating temperature range of -40°C to +85°C and comes in a 24-lead LFCSP or 25-ball WLCSP package.
    The document also includes information on revision history, absolute maximum ratings, thermal resistance, and ESD caution.

    Part No.ADP5589ACBZ-02-R7
    ManufacturerAD
    Size644 Kbytes
    Pages52 pages
    DescriptionKeypad Decoder and I/O Expansion