Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about T410-600T Datasheet
Example questions:
1. What is the recommended application for the T4 series based on the information provided in the pdf?
2. What is the maximum value of VDRM/VRRM for the T4 series TRIACs?
3. Which version of the T4 series complies with UL standards according to the pdf?
The T4 series is a line of 4A TRIACs based on ST's Snubberless/Logic level technology, designed for high commutation performance on AC inductive loads.
They are suitable for use in applications such as universal motors, electrovalves, kitchen aid equipment, power tools, and dishwashers.
The T4 series is available in various package options and complies with UL standards.
The product selector provides information on the different voltage and sensitivity types available for each package.
The mechanical data for the DPAK, ISOWATT220AB, and IPAK packages are also provided.
Additionally, the tables and figures in the document detail the absolute maximum ratings, electrical characteristics, static characteristics, thermal resistance, and ordering information for the T4 series.
Part No. | T410-600T |
Manufacturer | STMICROELECTRONICS |
Size | 119 Kbytes |
Pages | 10 pages |
Description | 4A TRIACS |