| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about S1C17651 Datasheet
# Example questions:
➢ Describe the memory architecture of the s1c17651, detailing the capacity and characteristics of both the embedded flash memory and ram.
➢ What are the primary clock sources available in the s1c17651 microcontroller, and how does the theoretical regulation function relate to the osc1a oscillator?
➢ What are the key features of the s1c17651’s power consumption profile, and how do the different operating states (sleep, halt, run) affect current draw?
This document is a datasheet for the S1C17651 microcontroller from Seiko Epson. Here's a breakdown of the key information:
1. Overview:
· Purpose: Designed for battery-powered applications like OTP (One-Time Password) devices, price tags, and watches.
· Core: Seiko Epson's 16-bit RISC CPU core (S1C17).
· Key Features: Emphasizes low power consumption, integrated flash memory, and a variety of peripherals suitable for embedded applications.
2. Features (Detailed):
· Memory:
* 16KB Flash memory (programmable up to three times)
* 2KB RAM
· Clock Generation: Multiple oscillators (internal and crystal-based) with regulation capabilities for flexibility.
· LCD Driver: Built-in driver for up to 20-segment and 4-common lines.
· Serial Communication: SPI (Serial Peripheral Interface) and UART (Universal Asynchronous Receiver/Transmitter) interfaces.
· Timers/Counters: Multiple timers for various functions (PWM, SPI clock generation, watchdog).
· Real-Time Clock (RTC): A built-in RTC with theoretical regulation for accurate timekeeping.
· Sound Generator: Features for generating tones and sounds.
· Analog Input: Supply Voltage Detection Circuit.
· Interrupts: A robust interrupt system for handling asynchronous events.
3. Technical Specifications:
· Operating Voltage: 2.0V to 3.6V
· Operating Temperature Range: -40°C to 85°C
· Power Consumption: Very low power consumption in various modes (Sleep, Halt, Run).
· Flash Programming Voltage: 7V/7.5V
· Package: TQFP13-64 (10mm x 10mm x 1mm)
4. Block Diagram:
· A visual representation of the microcontroller's internal architecture and peripherals.
5. Legal Notice:
· Standard legal disclaimers regarding reproduction, warranty, and export control.
In simpler terms: The S1C17651 is a small, energy-efficient microcontroller aimed at simple embedded devices that need a real-time clock, LCD display, and serial communication capabilities. It's designed to be easy to use and suitable for battery-powered applications.
1. Overview:
· Purpose: Designed for battery-powered applications like OTP (One-Time Password) devices, price tags, and watches.
· Core: Seiko Epson's 16-bit RISC CPU core (S1C17).
· Key Features: Emphasizes low power consumption, integrated flash memory, and a variety of peripherals suitable for embedded applications.
2. Features (Detailed):
· Memory:
* 16KB Flash memory (programmable up to three times)
* 2KB RAM
· Clock Generation: Multiple oscillators (internal and crystal-based) with regulation capabilities for flexibility.
· LCD Driver: Built-in driver for up to 20-segment and 4-common lines.
· Serial Communication: SPI (Serial Peripheral Interface) and UART (Universal Asynchronous Receiver/Transmitter) interfaces.
· Timers/Counters: Multiple timers for various functions (PWM, SPI clock generation, watchdog).
· Real-Time Clock (RTC): A built-in RTC with theoretical regulation for accurate timekeeping.
· Sound Generator: Features for generating tones and sounds.
· Analog Input: Supply Voltage Detection Circuit.
· Interrupts: A robust interrupt system for handling asynchronous events.
3. Technical Specifications:
· Operating Voltage: 2.0V to 3.6V
· Operating Temperature Range: -40°C to 85°C
· Power Consumption: Very low power consumption in various modes (Sleep, Halt, Run).
· Flash Programming Voltage: 7V/7.5V
· Package: TQFP13-64 (10mm x 10mm x 1mm)
4. Block Diagram:
· A visual representation of the microcontroller's internal architecture and peripherals.
5. Legal Notice:
· Standard legal disclaimers regarding reproduction, warranty, and export control.
In simpler terms: The S1C17651 is a small, energy-efficient microcontroller aimed at simple embedded devices that need a real-time clock, LCD display, and serial communication capabilities. It's designed to be easy to use and suitable for battery-powered applications.
| Part No. | S1C17651 |
| Manufacturer | EPSON |
| Size | 146 Kbytes |
| Pages | 4 pages |
| Description | 16-bit Single Chip Microcontroller |