![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ST2-DC48V-F Datasheet
Example questions:
1. What is the minimum operating power and nominal operating power of the 8A polarized power relay described in the pdf?
2. What is the maximum switching capacity of the relay in terms of VA for 380V AC?
3. What types of safety standards does the relay conform to according to the pdf?
The Panasonic Corporation Automation Controls Business Unit offers the ASCTB210E 201202-T power relay, which features a small form factor and high sensitivity for direct IC-driving.
It has a high switching capability, high breakdown voltage, improved stability, latching types, and automatic cleaning capabilities.
The relay is easy to design PC board patterns for and has sockets available.
It is RoHS compliant and conforms to safety standards.
The relay is available in various coil voltages and contact arrangements.
It has a high switching power and voltage, and is suitable for use in power circuits.
The relay also has high insulation resistance, breakdown voltage, and operate and release times.
It is shock and vibration resistant and has a long expected life.
The relay is suitable for use in a wide range of temperatures and humidity levels.
The dimensions and safety standards of the relay are also provided.
Part No. | ST2-DC48V-F |
Manufacturer | PANASONIC |
Size | 71 Kbytes |
Pages | 4 pages |
Description | 1a1b/2a 8A polarized power relays |