| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ABM3B_13 Datasheet
# Example questions:
➢ What is the typical drive level for this ceramic smd crystal?
➢ What frequency stability is available for an operating temperature range of -20°c to +70°c?
➢ What is the maximum operating temperature for the standard abm3b series crystal?
# ABRACON ABM3B Ceramic SMD Crystal
## Product Overview
· Description: Pb RoHS Compliant Ceramic SMD Crystal, dimensions 5.0 x 3.2 x 1.1mm
· Applications: Cellular telephones, pagers, communication/test equipment, high-density & wireless applications.
· Mode: Fundamental
· Certifications: ISO 9001 / QS 9000 Certified
## Features
· Suitable for reflow processes.
· Tight stability options available.
· High precision and reliability due to ceramic package and metal lid.
· Seam sealing
## Standard Specifications
### Frequency Range & ESR
| Frequency (MHz) | ESR (Ω) max |
|---|---|
| 8.0 - 9.999 | 200 |
| 16.000 - 60.000 | 50 |
# ABRACON ABM3B Ceramic SMD Crystal
## Product Overview
· Description: Pb RoHS Compliant Ceramic SMD Crystal, dimensions 5.0 x 3.2 x 1.1mm
· Applications: Cellular telephones, pagers, communication/test equipment, high-density & wireless applications.
· Mode: Fundamental
· Certifications: ISO 9001 / QS 9000 Certified
## Features
· Suitable for reflow processes.
· Tight stability options available.
· High precision and reliability due to ceramic package and metal lid.
· Seam sealing
## Standard Specifications
### Frequency Range & ESR
| Frequency (MHz) | ESR (Ω) max |
|---|---|
| 8.0 - 9.999 | 200 |
| 16.000 - 60.000 | 50 |
| Part No. | ABM3B_13 |
| Manufacturer | ABRACON |
| Size | 312 Kbytes |
| Pages | 2 pages |
| Description | CERAMIC SMD CRYSTAL |