Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5320_05 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD5320_05 Datasheet

  • Example questions: 1. What is the power consumption of the AD5320 DAC at 5 V and in power-down mode?
    2. What is the supply voltage range for the AD5320 DAC?
    3. What type of interface standards is the AD5320 DAC compatible with?

  • Part No.AD5320_05
    ManufacturerAD
    Size410 Kbytes
    Pages20 pages
    Description2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
    Datasheet Summary with AI

    The AD5320 is a 12-bit digital-to-analog converter (DAC) that operates from a single 2.7 V to 5.5 V supply and consumes 140 μA at 5 V.
    It has a rail-to-rail output and is available in 6-lead SOT-23 and 8-lead MSOP packages.
    The DAC features a micropower operation, power-down capability, and a low power serial interface with Schmitt-triggered inputs.
    It also has a power-on reset circuit and a reference derived from the power supply.
    The device is suitable for portable, battery-powered instruments and offers high speed serial interface with clock speeds up to 30 MHz.
    The AD5320 is part of a family of pin-compatible DACs and is ideal for battery-powered applications due to its low power consumption.
    The device also has a power-down feature that reduces current consumption to 200 nA at 5 V and provides software selectable output loads while in power-down mode.
    The DAC is designed for very low power consumption and has a power consumption of 0.7 mW at 5 V, reducing to 1 μW in power-down mode.

    Datasheet Summary with AI

    The AD5320 is a 12-bit digital-to-analog converter (DAC) that operates from a single 2.7 V to 5.5 V supply and consumes 140 μA at 5 V.
    It has a rail-to-rail output and is available in 6-lead SOT-23 and 8-lead MSOP packages.
    The DAC features a micropower operation, power-down capability, and a low power serial interface with Schmitt-triggered inputs.
    It also has a power-on reset circuit and a reference derived from the power supply.
    The device is suitable for portable, battery-powered instruments and offers high speed serial interface with clock speeds up to 30 MHz.
    The AD5320 is part of a family of pin-compatible DACs and is ideal for battery-powered applications due to its low power consumption.
    The device also has a power-down feature that reduces current consumption to 200 nA at 5 V and provides software selectable output loads while in power-down mode.
    The DAC is designed for very low power consumption and has a power consumption of 0.7 mW at 5 V, reducing to 1 μW in power-down mode.

    Part No.AD5320_05
    ManufacturerAD
    Size410 Kbytes
    Pages20 pages
    Description2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23