Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD586LNZ1 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD586LNZ1 Datasheet

  • # Example questions: ➢ What is the typical noise level of the ad586 in the 0.1 hz to 10 hz band?
    ➢ What is the purpose of connecting a capacitor between pin 8 (noise reduction) and ground, and how does it affect turn-on time?
    ➢ The datasheet mentions ‘factory test points’ (tp1) on pins 1, 3, and 7. what does the datasheet state regarding connections to these pins?

  • Part No.AD586LNZ1
    ManufacturerAD
    Size479 Kbytes
    Pages16 pages
    DescriptionHigh Precision 5 V Reference
    Datasheet Summary with AI

    1. Overview & Functionality

    · What is it? The AD586 is a high-precision, monolithic 5V voltage reference.
    · Purpose: It provides a stable and accurate reference voltage for various precision circuits (e.g., ADCs, DACs).
    · Key Features:
    * Initial offset < 2.0 mV
    * Temperature coefficient < 2 ppm/°C
    * Requires minimal external components.

    2. Theory of Operation & Design

    · Internal Components: Consists of a buried Zener diode reference, a buffer amplifier, and high-stability thin-film resistors.
    · Noise Reduction: An optional noise reduction filter can be implemented using an external capacitor connected to Pin 8 (Noise Reduction).
    · Fine Trim: An optional external trim circuit can be used to adjust the output voltage up to ±300 mV.

    3. Noise Performance

    · Dominant Noise Source: The buried Zener diode contributes the most noise (~100 nV/√Hz).
    · Typical Noise Levels:
    * 0.1 Hz to 10 Hz: ~4 µV p-p
    * 1 MHz: ~200 µV p-p
    · Noise Reduction with Capacitor: Using a 1µF capacitor at Pin 8 reduces broadband noise (to 1 MHz).

    4. Turn-on Characteristics

    · Turn-on Time: The time it takes for the output to stabilize after power-up. It's influenced by active circuit settling and thermal stabilization.
    · Typical Turn-on Time:
    * Without capacitor: ~60 µs to 0.01%
    * With 1 µF capacitor: ~400 ms to 0.01%

    5. Dynamic Performance

    · Load Regulation: The AD586's output buffer amplifier provides good static and dynamic load regulation.
    · Importance: Good load regulation is important for applications where the reference is driving converters (ADCs/DACs) that present transient current loads.

    6. Pin Descriptions

    · Pin 1 & 3 & 7: Factory test points – *Do Not Connect*.
    · Pin 2: Input Voltage
    · Pin 4: Ground
    · Pin 5: Optional External Fine Trim
    · Pin 6: Output Voltage
    · Pin 8: Optional Noise Reduction Filter (connect to ground via a capacitor)

    Key Takeaways/Important Notes:

    · The AD586 is a straightforward device to use, but careful consideration should be given to noise reduction and turn-on time, especially in sensitive applications.
    · The optional external components (trim capacitor) have an impact on the circuit performance; these must be evaluated when designing a circuit to include the AD586.

    1. Overview & Functionality

    · What is it? The AD586 is a high-precision, monolithic 5V voltage reference.
    · Purpose: It provides a stable and accurate reference voltage for various precision circuits (e.g., ADCs, DACs).
    · Key Features:
    * Initial offset < 2.0 mV
    * Temperature coefficient < 2 ppm/°C
    * Requires minimal external components.

    2. Theory of Operation & Design

    · Internal Components: Consists of a buried Zener diode reference, a buffer amplifier, and high-stability thin-film resistors.
    · Noise Reduction: An optional noise reduction filter can be implemented using an external capacitor connected to Pin 8 (Noise Reduction).
    · Fine Trim: An optional external trim circuit can be used to adjust the output voltage up to ±300 mV.

    3. Noise Performance

    · Dominant Noise Source: The buried Zener diode contributes the most noise (~100 nV/√Hz).
    · Typical Noise Levels:
    * 0.1 Hz to 10 Hz: ~4 µV p-p
    * 1 MHz: ~200 µV p-p
    · Noise Reduction with Capacitor: Using a 1µF capacitor at Pin 8 reduces broadband noise (to 1 MHz).

    4. Turn-on Characteristics

    · Turn-on Time: The time it takes for the output to stabilize after power-up. It's influenced by active circuit settling and thermal stabilization.
    · Typical Turn-on Time:
    * Without capacitor: ~60 µs to 0.01%
    * With 1 µF capacitor: ~400 ms to 0.01%

    5. Dynamic Performance

    · Load Regulation: The AD586's output buffer amplifier provides good static and dynamic load regulation.
    · Importance: Good load regulation is important for applications where the reference is driving converters (ADCs/DACs) that present transient current loads.

    6. Pin Descriptions

    · Pin 1 & 3 & 7: Factory test points – *Do Not Connect*.
    · Pin 2: Input Voltage
    · Pin 4: Ground
    · Pin 5: Optional External Fine Trim
    · Pin 6: Output Voltage
    · Pin 8: Optional Noise Reduction Filter (connect to ground via a capacitor)

    Key Takeaways/Important Notes:

    · The AD586 is a straightforward device to use, but careful consideration should be given to noise reduction and turn-on time, especially in sensitive applications.
    · The optional external components (trim capacitor) have an impact on the circuit performance; these must be evaluated when designing a circuit to include the AD586.

    Part No.AD586LNZ1
    ManufacturerAD
    Size479 Kbytes
    Pages16 pages
    DescriptionHigh Precision 5 V Reference