Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM324DTBR2G Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LM324DTBR2G Datasheet

  • Example questions: 1. What is the common mode input range for the LM324 series of operational amplifiers?
    2. How many amplifiers are included in a single LM324 package?
    3. What is the minimum and maximum supply voltage range for the LM324 series of operational amplifiers?

  • Part No.LM324DTBR2G
    ManufacturerONSEMI
    Size184 Kbytes
    Pages15 pages
    DescriptionSingle Supply Quad Operational Amplifiers
    Datasheet Summary with AI

    The LM324 series are low-cost, quad operational amplifiers with true differential inputs.
    They have several advantages over standard operational amplifier types in single supply applications, including the ability to operate at supply voltages as low as 3.0 V or as high as 32 V with low quiescent currents.
    The common-mode input range includes the negative supply, eliminating the need for external biasing components in many applications.
    The output voltage range also includes the negative power supply voltage.
    The devices are short-circuited protected and internally compensated, with industry standard pinouts.
    They are also ESD clamped on the inputs to increase ruggedness without affecting device operation.
    The LM324 series is Pb-free, halogen-free/BFR-free, and RoHS compliant.
    The devices are qualified for automotive use and have maximum ratings and electrical characteristics specified in the datasheet.
    The circuit description includes a representative circuit diagram and large signal voltage follower response, as well as information on the input and output voltage limits, power supply current, and gain and phase margin.

    Datasheet Summary with AI

    The LM324 series are low-cost, quad operational amplifiers with true differential inputs.
    They have several advantages over standard operational amplifier types in single supply applications, including the ability to operate at supply voltages as low as 3.0 V or as high as 32 V with low quiescent currents.
    The common-mode input range includes the negative supply, eliminating the need for external biasing components in many applications.
    The output voltage range also includes the negative power supply voltage.
    The devices are short-circuited protected and internally compensated, with industry standard pinouts.
    They are also ESD clamped on the inputs to increase ruggedness without affecting device operation.
    The LM324 series is Pb-free, halogen-free/BFR-free, and RoHS compliant.
    The devices are qualified for automotive use and have maximum ratings and electrical characteristics specified in the datasheet.
    The circuit description includes a representative circuit diagram and large signal voltage follower response, as well as information on the input and output voltage limits, power supply current, and gain and phase margin.

    Part No.LM324DTBR2G
    ManufacturerONSEMI
    Size184 Kbytes
    Pages15 pages
    DescriptionSingle Supply Quad Operational Amplifiers